Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 193 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-21
Table 4-7 describes SCPRR_L fields.
4.3.1.4
SIU Interrupt Pending Registers (SIPNR_H and SIPNR_L)
Each bit in the interrupt pending registers (SIPNR_H and SIPNR_L), shown in Figure 4-14 and
Figure 4-15, corresponds to an interrupt source. When an interrupt is received, the interrupt controller sets
the corresponding SIPNR bit.
Table 4-7. SCPRR_L Field Descriptions
Bits
Name
Description
0–2
YC1P–YCC1 Priority order. Defines which SCC asserts its request in the YCC1 priority position. Do not
program the same SCC to multiple priority positions. This field can be changed dynamically.
000 SCC1 asserts its request in the YCC1 position.
001 SCC2 asserts its request in the YCC1 position.
010 SCC3 asserts its request in the YCC1 position.
011 SCC4 asserts its request in the YCC1 position.
100 TC layer asserts its request in the YCC1 position (MPC8280 only. Reserved on other
devices.)
1XX YCC1 position is not active.
3–11
YC2P–YC8P Same as YC1P, but for YCC2–YCC8
12–15
—
Reserved, should be cleared.
16–27 YC5P–YC8P Same as YC1P, but for YCC5–YCC8
28–31
—
Reserved, should be cleared.
012
345
6789
10
11
12
13
14
15
Field PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PC8
PC9 PC10 PC11 PC12
PC13
PC14 PC15
Reset
Undefined (the user should write 1s to clear these bits before using)
R/W
R/W
Addr
0x10C08
16
17
18
19
20
21
22
23
24
28
29
30
31
Field
—
IRQ1 IRQ2 IRQ3 IRQ4 IRQ5 IRQ6 IRQ7
—
TMCNT
PIT
PCI
Reset
Undefined (the user should write 1s to clear these bits before using)
01
01
01
R/W
R/W
Addr
0x10C10
1 These fields are zero after reset because their corresponding mask register bits are cleared (disabled).
Figure 4-14. SIPNR_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com