Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5542ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5542ACPZ-R7
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5542ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5542ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADL5542
Rev. A | Page 4 of 12
Parameter
Conditions
Min
Typ
Max
Unit
FREQUENCY = 3500 MHz
Gain
15.9
17.5
18.8
dB
vs. Frequency
±50 MHz
±0.04
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.31
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Output 1 dB Compression Point
13.7
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
33
dBm
Noise Figure
3.7
4.3
dB
FREQUENCY = 5800 MHz
Gain
11.2
12.7
14.4
dB
vs. Frequency
±50 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±1.2
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Output 1 dB Compression Point
6.8
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
24.2
dBm
Noise Figure
5.7
6.3
dB
POWER INTERFACE
Pin VPOS
Supply Voltage (VPOS)
4.5
5
5.5
V
Supply Current
93
115
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±15
mA
Power Dissipation
VPOS = 5 V
0.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com