Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5542ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5542ACPZ-R7
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5542ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5542ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADL5542
Rev. A | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Typical Scattering Parameters..................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ..............................................8
Basic Connections .......................................................................... 10
Soldering Information and Recommended
PCB Land Pattern....................................................................... 10
Evaluation Board ............................................................................ 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
10/07—Rev. 0 to Rev. A
Changes to Figure 4.......................................................................... 8
Change to Basic Connections Section ......................................... 10
Changes to Table 5.......................................................................... 10
Change to Table 6 ........................................................................... 11
Deleted Notes from Ordering Guide Section ............................. 12
7/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com