Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5542ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5542ACPZ-R7
Description  50 MHz to 6 GHz RF/IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5542ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5542ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5542ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADL5542
Rev. A | Page 5 of 12
TYPICAL SCATTERING PARAMETERS
VPOS = 5 V and TA = 25°C, the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Freq. (MHz)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
50
−23.9427
−127.394
20.77572
+170.5022
−23.0076
+3.044077
−23.9476
−132.996
100
−29.6174
−153.6
20.51771
+170.3216
−22.6572
+1.38839
−32.4194
−124.454
500
−34.5211
+19.99577
20.23355
+152.6774
−22.5262
−10.9886
−26.2358
−129.115
900
−37.74
+147.4543
20.07428
+132.0556
−22.4939
−21.2573
−20.2616
−159.271
1000
−33.8877
+131.3191
20.07369
+127.0206
−22.4386
−23.7005
−20.323
−160.866
1500
−24.7749
−152.311
19.80607
+101.2591
−22.3087
−35.6482
−16.2712
+168.1644
2000
−17.038
+178.4399
19.5708
+76.03876
−21.9922
−48.9813
−12.759
+164.7149
2500
−9.60208
+153.1961
19.26227
+49.85321
−21.6433
−60.9072
−9.74244
+150.6577
3000
−8.00289
+128.6464
18.82098
+24.3132
−21.0921
−76.3162
−8.77595
+128.7323
3500
−7.91011
+103.6543
18.18117
−1.63173
−21.2002
−91.6973
−10.5739
+90.37487
4000
−12.816
+96.79933
17.38515
−26.2863
−20.7711
−103.208
−13.1628
+8.899607
4500
−17.625
+156.5961
17.57137
−52.0317
−20.0291
−120.789
−7.31571
−73.4032
5000
−12.8458
+173.0378
16.39804
−77.6904
−19.9498
−136.697
−6.22666
−106.102
5500
−10.9468
−154.419
15.13047
−102.402
−19.8825
−153.753
−9.89228
−111.644
6000
−5.69808
−150.164
13.48849
−125.082
−20.3196
−170.25
−10.7825
−57.0274



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com