Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5542ACPZ-R7 Datasheet (PDF) - Analog Devices

ADL5542ACPZ-R7 Datasheet PDF - Analog Devices
Part # ADL5542ACPZ-R7
Download  ADL5542ACPZ-R7 Download
File Size   265.81 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 6 GHz RF/IF Gain Block

ADL5542ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5542ACPZ-R7 Datasheet PDF - Analog Devices

Part # ADL5542ACPZ-R7
Download  ADL5542ACPZ-R7 Click to download

File Size   265.81 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 6 GHz RF/IF Gain Block

ADL5542ACPZ-R7 Datasheet (HTML) - Analog Devices


ADL5542ACPZ-R7 Product details

GENERAL DESCRIPTION
The ADL5542 is a broadband 20 dB linear amplifier that operates at frequencies up to 6 GHz. The device can be used in a wide variety of CATV, cellular, and instrumentation equipment.
The ADL5542 provides a gain of 20 dB that is stable over frequency, temperature, power supply, and from device to device. The device is internally matched to 50 Ω with an input return loss of 10 dB or better, up to 6 GHz. Only input/output ac coupling capacitors, power supply decoupling capacitors, and an external inductor are required for operation.

FEATURES
   Fixed gain of 20 dB
   Operation up to 6 GHz
   Input/output internally matched to 50 Ω
   Integrated bias control circuit
   Output IP3
      46 dBm at 500 MHz
      40 dBm at 900 MHz
   Output 1 dB compression: 20.6 dB at 900 MHz
   Noise figure of 3 dB at 900 MHz
   Single 5 V power supply
   Small footprint 8-lead LFCSP
   Pin compatible with 15 dB gain ADL5541
   1 kV ESD (Class 1C)




Similar Part No. - ADL5542ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542ACPZ-R7 AD-ADL5542ACPZ-R7 Datasheet
273Kb / 13P
RF/IF Gain Block
2/15-Rev. B to Rev. C
More results


Similar Description - ADL5542ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com