Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54386PWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54386PWPR
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54386PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS54386PWPR Datasheet HTML 29Page - Texas Instruments TPS54386PWPR Datasheet HTML 30Page - Texas Instruments TPS54386PWPR Datasheet HTML 31Page - Texas Instruments TPS54386PWPR Datasheet HTML 32Page - Texas Instruments TPS54386PWPR Datasheet HTML 33Page - Texas Instruments TPS54386PWPR Datasheet HTML 34Page - Texas Instruments TPS54386PWPR Datasheet HTML 35Page - Texas Instruments TPS54386PWPR Datasheet HTML 36Page - Texas Instruments TPS54386PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
www.ti.com
DESIGN EXAMPLES
Example 1: Detailed Design of a 12-V to 5-V and 3.3-V Converter
+
+
+
TPS54383,, TPS54386
SLUS774B – AUGUST 2007 – REVISED OCTOBER 2007
The following example illustrates a design process and component selection for a 12-V to 5-V and 3.3-V dual
non-synchronous buck regulator using the TPS54383 converter. Design Example List of Materials and Table 4,
Definition of Symbols is found at the end of this section.
PARAMETER
NOTES AND CONDITIONS
MIN
NOM
MAX
UNIT
INPUT CHARACTERISTICS
VIN
Input voltage
6.9
12.0
13.2
V
IIN
Input current
VIN = nom, IOUT = max
1.6
2.0
A
No load input current
VIN = nom, IOUT = 0 A
12
20
mA
OUTPUT CHARACTERISTICS
VOUT1
Output voltage 1
VIN = nom, IOUT = nom
4.8
5.0
5.2
V
VOUT2
Output voltage 2
VIN = nom, IOUT = nom
3.2
3.3
3.4
Line regulation
VIN = min to max
1%
Load regulation
IOUT = min to max
1%
VOUT(ripple
Output voltage ripple
VIN = nom, IOUT = max
50
mVPP
)
IOUT1
Output current 1
VIN = min to max
0
2.0
IOUT2
Output current 2
VIN = min to max
0
2.0
Output overcurrent channel
A
IOCP1
VIN = nom, VOUT = VOUT1 = 5%
2.4
3
3.5
1
Output overcurrent channel
IOCP2
VIN = nom, VOUT = VOUT2 = 5%
2.4
3
3.5
2
Transient response
ΔVOUT
ΔIOUT = 1 A @ 3 A/µs
200
mV
from load transient
Transient response settling
1
ms
time
SYSTEM CHARACTERISTICS
fSW
Switching frequency
250
310
370
kHz
η
Full load efficiency
85%
Operating temperature
TJ
0
25
60
°C
range
Figure 39. Design Example Schematic
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPS54383 TPS54386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com