Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54386PWPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54386PWPR
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54386PWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS54386PWPR Datasheet HTML 35Page - Texas Instruments TPS54386PWPR Datasheet HTML 36Page - Texas Instruments TPS54386PWPR Datasheet HTML 37Page - Texas Instruments TPS54386PWPR Datasheet HTML 38Page - Texas Instruments TPS54386PWPR Datasheet HTML 39Page - Texas Instruments TPS54386PWPR Datasheet HTML 40Page - Texas Instruments TPS54386PWPR Datasheet HTML 41Page - Texas Instruments TPS54386PWPR Datasheet HTML 42Page - Texas Instruments TPS54386PWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
www.ti.com
0.995
0.997
0.999
1.001
0.996
0.998
1.000
1.003
1.005
1.002
1.004
V
OUT
= 5.0 V
V
IN
(V)
9.6
12.0
13.2
V
IN
= 12.0 V
V
IN
= 9.6 V
V
IN
= 13.2 V
0
0.5
1.0
1.5
2.0
2.5
3.0
I
OUT
- Load Current - A
0.995
0.997
0.999
1.001
0.996
0.998
1.000
1.003
1.005
1.002
1.004
V
OUT
= 3.3 V
V
IN
(V)
9.6
12.0
13.2
V
IN
= 12.0 V
V
IN
= 9.6 V
V
IN
= 13.2 V
0
0.5
1.0
1.5
2.0
2.5
3.0
I
OUT
- Load Current - A
1 k
10 k
100 k
f - Frequency -Hz
-80
-20
0
60
80
-60
20
-40
40
-180
-90
-45
45
90
-135
0
180
135
300 k
Gain
Phase
5.0 V
3.3 V
TPS54383,, TPS54386
SLUS774B – AUGUST 2007 – REVISED OCTOBER 2007
Figure 43. 5.0-V Output Voltage vs. Load Current
Figure 44. 3.3-V Output Voltage vs. Load Current
Figure 45. Example 1 Loop Response
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPS54383 TPS54386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com