Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54386PWPR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54386PWPR
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54386PWPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS54386PWPR Datasheet HTML 34Page - Texas Instruments TPS54386PWPR Datasheet HTML 35Page - Texas Instruments TPS54386PWPR Datasheet HTML 36Page - Texas Instruments TPS54386PWPR Datasheet HTML 37Page - Texas Instruments TPS54386PWPR Datasheet HTML 38Page - Texas Instruments TPS54386PWPR Datasheet HTML 39Page - Texas Instruments TPS54386PWPR Datasheet HTML 40Page - Texas Instruments TPS54386PWPR Datasheet HTML 41Page - Texas Instruments TPS54386PWPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
www.ti.com
Design Example Test Results
SW 3.3 V
SW 5 V
VIN = 12 V
t − Time − 40 ns/div
10
40
70
0
90
100
50
I
LOAD
- Load Current - A
30
20
60
80
V
IN
= 13.2 V
V
IN
= 9.6 V
V
IN
= 12.0 V
V
OUT
= 5.0 V
V
IN
(V)
9.6
12.0
13.2
0
0.5
1.0
1.5
2.0
2.5
3.0
10
40
70
0
90
100
50
I
LOAD
- Load Current - A
30
20
60
80
V
IN
= 9.6 V
V
OUT
= 3.3 V
V
IN
(V)
9.6
12.0
13.2
V
IN
= 12.0 V
V
IN
= 13.2 V
0
0.5
1.0
1.5
2.0
2.5
3.0
TPS54383,, TPS54386
SLUS774B – AUGUST 2007 – REVISED OCTOBER 2007
The total power dissipation is PDISS=0.198+0.136+0.017+0.017+.066 = 434 mW.
The following results are from the TPS54383-001 EVM.
Figure 40. Switching Node Waveforms
Figure 41. 5.0-V Output Efficiency vs. Load Current
Figure 42. 3.3-V Output Efficiency vs. Load Current
38
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54383 TPS54386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com