Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54386PWPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54386PWPR
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54386PWPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS54386PWPR Datasheet HTML 31Page - Texas Instruments TPS54386PWPR Datasheet HTML 32Page - Texas Instruments TPS54386PWPR Datasheet HTML 33Page - Texas Instruments TPS54386PWPR Datasheet HTML 34Page - Texas Instruments TPS54386PWPR Datasheet HTML 35Page - Texas Instruments TPS54386PWPR Datasheet HTML 36Page - Texas Instruments TPS54386PWPR Datasheet HTML 37Page - Texas Instruments TPS54386PWPR Datasheet HTML 38Page - Texas Instruments TPS54386PWPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
www.ti.com
(
) (
)
IN
BR R min
V
1.2
V
³
´
(27)
(
)
(
)
(
)
D avg
OUT max
I
I
1 D
»
´
-
(28)
(
)
(
)
FM
D m ax
D avg
P
V
I
»
´
(29)
Output Capacitor Selection
(
)
OUT
2
2
RES
1
C
4
f
L
=
´ p
´
´
(30)
OUT
RIPPLE(tot)
RIPPLE(cap)
RIPPLE(tot)
(max)
RIPPLE
RIPPLE
S
V
V
V
D
ESR
I
I
f
C
-
=
=
-
´
(31)
Voltage Setting
TPS54383,, TPS54386
SLUS774B – AUGUST 2007 – REVISED OCTOBER 2007
The diode must have reverse breakdown voltage greater than 15.8 V, therefore a 20-V device is used.
The average current in the rectifier diode is estimated by Equation 28.
For this design, 1.2-A (average) and 2.25 A (peak) is estimated for Channel 1 and 1.5-A (average) and 2.21-A
(peak) for Channel 2.
An MBRS320, 20-V, 3-A diode in an SMC package is selected for both channels. This diode has a forward
voltage drop of 0.4 V at 2 A.
The power dissipation in the diode is estimated by Equation 29.
For this design, the full load power dissipation is estimated to be 480 mW in D1, and 580 mW in D2.
The TPS54383's internal compensation limits the selection of the output capacitors. From Figure 25, the internal
compensation has a double zero resonance at about 3 kHz. The output capacitor is selected by Equation 30.
Solving for COUT using
• f
RES = 3 kHz
• L = 22 µH
The resulting is COUT = 128 µF. The output ripple voltage of the converter is composed of the ripple voltage
across the output capacitance and the ripple voltage across the ESR of the output capacitor. To find the
maximum ESR allowable to meet the output ripple requirements the total ripple is partitioned, and the equation
manipulated to find the ESR.
Based on 128
µF of capacitance, 300-kHz switching frequency and 50-mV ripple voltage plus rounding up the
ripple current to 0.5 A, and the duty cycle to 50%, the capacitive portion of the ripple voltage is 6.5 mV, leaving a
maximum allowable ESR of 87 m
Ω.
To meet the ripple voltage requirements, a low-cost 100-
µF electrolytic capacitor with 400 mΩ ESR (C5, C17)
and two 10-
µF ceramic capacitors (C3 and C4; and C18 and C19) with 2.5-mΩ ESR are selected. From the
datasheets for the ceramic capacitors, the parallel combination provides an impedance of 28 m
Ω @ 300 kHz for
14 mV of ripple.
The primary feedback divider resistors (R2, R9) from VOUT to FB should be between 10 k
Ω and 50 kΩ to
maintain a balance between power dissipation and noise sensitivity. For this design, 20 k
Ω is selected.
The lower resistors, R4 and R7 are found using the following equations.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TPS54383 TPS54386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com