Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800BGS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8800BGS
Description  General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800BGS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8800BGS Datasheet HTML 1Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 2Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 3Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 4Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 5Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 6Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 7Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 8Page - Richtek Technology Corporation RT8800BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RT8800/B
1
DS8800/B-06
March 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
General Description
The RT8800/B are general purpose multi-phase
synchronous buck controllers dedicating for high density
power supply regulation. The parts implement 2, and 3
buck switching stages operating in interleaved phase set
automatically. The output voltage is regulated and
controlled following the input voltage of FB pin. With such
a single analog control, the RT8800/B provide a simple,
flexible, wide-range and extreme cost-effective high-
density voltage regulation solutions for various high-density
power supply application. The RT8800/B multi-phase
architecture provide high output current while maintaining
low power dissipation on power devices and low stress
on input and output capacitors. The high equivalent
operating frequency also reduces the component
dimension and the output voltage ripple in load transient.
RT8800/B implement both voltage and current loops to
achieve good regulation, response and power stage
thermal balance. The RT8800/B apply the time sharing
DCR current sensing technology newly as well; with such
a topology, the RT8800/B extract the DCR of output
inductor as sense component to deliver a more precise
load line regulation and better thermal balance capability.
Moreover, the parts monitor the output voltage for over-
current and over-voltage protection; Soft-start and
programmable under-voltage lockout are also provided to
assure the safety of power system.
Features
5V Power Supply Voltage
2/3-Phase Power Conversion with Automatic Phase
Selection (RT8800 : 2/3-Phase, RT8800B : 2-Phase)
Output Voltage Controlled by External Reference
Voltage
Precise Core Voltage Regulation
Power Stage Thermal Balance by DCR Current
Sensing
Extreme Low-Cost, Lossless Time Sharing Current
Sensing
Internal Soft-start
Hiccup Mode Over-Current Protection
Over-Voltage Protection
Adjustable Operating Frequency and Typical at
300kHz Per Phase
Power Good indication
Small 16-Lead VQFN Package (For RT8800 only)
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Desktop CPU core power
Low Output Voltage, High power density DC-DC
Converters
Voltage Regulator Modules
General Purpose 2/3-Phase PWM Controller for High-Density
Power Supply
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Ordering Information
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Package Type
QV : VQFN-16L 3x3 (V-Type)
S : SOP-16
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
RT8800/B
2-Phase
2/3-Phase


Similar Part No. - RT8800BGS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800B RICHTEK-RT8800B Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
More results

Similar Description - RT8800BGS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A Datasheet
538Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800_11 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
4/3/2/1-Phase PWM Controller for High-Density Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com