Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9277APF Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9277APF
Description  High Performance, Low Noise Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9277APF Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9277APF Datasheet HTML 1Page - Richtek Technology Corporation RT9277APF Datasheet HTML 2Page - Richtek Technology Corporation RT9277APF Datasheet HTML 3Page - Richtek Technology Corporation RT9277APF Datasheet HTML 4Page - Richtek Technology Corporation RT9277APF Datasheet HTML 5Page - Richtek Technology Corporation RT9277APF Datasheet HTML 6Page - Richtek Technology Corporation RT9277APF Datasheet HTML 7Page - Richtek Technology Corporation RT9277APF Datasheet HTML 8Page - Richtek Technology Corporation RT9277APF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9277A/B
Preliminary
4
DS9277A/B-02 March 2007
www.richtek.com
Functional Pin Description
Pin No.
RT9277A
RT9277B
Pin Name
Pin Function
1
1
COMP
Compensation Pin for Error Amplifier. Connect a compensation network
to
ground.
See
the
Component
Selection
Table
for
the
loop
compensation.
2
2
FB
Feedback Pin. Connect an external resistor-divider tap to FB. The typical
reference voltage is 1.24V.
3
3
EN
Shutdown Control Input. Connect EN to GND to turn off the RT9277A/B.
4
4
GND
Ground
5
5
LX
Switch Pin. Connect the inductor and catch diode to LX pin. Widen and
shorten the connected trace to minimize EMI.
6
6
VIN
Supply Pin. Place at least a 1
μF ceramic capacitor close to RT9277A/B
for bypassing noise.
7
7
FREQ
Frequency Select Pin. Oscillator frequency is 640kHz as FREQ
connected to GND, and 1.2MHz as FREQ connected to VIN. A 5
μA
pull-down current is sinking on this pin.
--
8
SS
Soft-Start Control Pin. Connect a soft-start capacitor (CSS) to this pin. A
4
μA constant current charges the soft-start capacitor. When EN
connected to GND, the soft-start capacitor is discharged. When EN
connected to VIN high, the soft-start capacitor is charged to VIN. Leave
floating for not using soft-start.
8
--
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com