Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9277APF Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9277APF
Description  High Performance, Low Noise Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9277APF Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9277APF Datasheet HTML 1Page - Richtek Technology Corporation RT9277APF Datasheet HTML 2Page - Richtek Technology Corporation RT9277APF Datasheet HTML 3Page - Richtek Technology Corporation RT9277APF Datasheet HTML 4Page - Richtek Technology Corporation RT9277APF Datasheet HTML 5Page - Richtek Technology Corporation RT9277APF Datasheet HTML 6Page - Richtek Technology Corporation RT9277APF Datasheet HTML 7Page - Richtek Technology Corporation RT9277APF Datasheet HTML 8Page - Richtek Technology Corporation RT9277APF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9277A/B
Preliminary
3
DS9277A/B-02 March 2007
www.richtek.com
Operation
The RT9277A/B is a high efficiency step-up Boost converter
with a fixed-frequency, current-mode PWM architecture.
It performs fast transient response and low noise operation
with appropriate component selection. The output voltage
is regulated through a feedback control consisting of an
error amplifier, a summing comparator, and several control
signal generators (as shown in function block diagram).
The feedback reference voltage is 1.24V. The error amplifier
varies the COMP voltage by sensing the FB pin. The slope
compensation signal summed with the current -sense
signal will be compared with the COMP voltage through
the summing comparator to determine the current trip point
and duty cycle. When driving light loads, the RT9277A/B
will perform the pulse-skipping mode to prevent
overcharging the output voltage. In this mode, the switching
frequency will be reduced to perform a higher efficiency.
Soft-Start
The RT9277B provides programmable soft-start function.
When the EN pin is connected to high, a 4
μA constant
current is sourced to charge an external capacitor. The
voltage rate of rise on the COMP pin is limited during the
charging period, and so is the peak inductor current.
When the EN pin is connected to GND, the external
capacitor will be discharged to ground for the next time
soft-start.
Current Limitation
The switch current is monitored to limit the value not to
exceed 1.6A typically. When the switch current reaches
1.6A, the output voltage will be pulled down to limit the
total output power to protect the power switch and external
components.
Shutdown
Connect the EN to GND to turn the RT9277A/B off and
reduce the supply current to 0.1
μA. In this operation, the
output voltage is the value of VIN to subtract the forward
voltage of catch diode.
Frequency Selection
The switching frequency of RT9277A/B can be selected to
operate at either 640kHz or 1.2MHz. When the FREQ pin
is connected to GND for 640kHz operation, and connected
to VIN for 1.2MHz operation. FREQ is preset to 640kHz
operation for allowing the FREQ pin unconnected.
RT9277B
+
-
+
-
Control
and
Driver
Logic
Current
Sense
Slope
Compen-
sation
Oscillator
Summing
Comparator
Clock
Error
Amplifier
1.24V
5uA
4uA
VIN
SS
LX
GND
EN
COMP
FB
FREQ
N
Protection
V
IN
V
FB
Soft-
Start
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com