Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9277APF Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9277APF
Description  High Performance, Low Noise Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9277APF Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9277APF Datasheet HTML 1Page - Richtek Technology Corporation RT9277APF Datasheet HTML 2Page - Richtek Technology Corporation RT9277APF Datasheet HTML 3Page - Richtek Technology Corporation RT9277APF Datasheet HTML 4Page - Richtek Technology Corporation RT9277APF Datasheet HTML 5Page - Richtek Technology Corporation RT9277APF Datasheet HTML 6Page - Richtek Technology Corporation RT9277APF Datasheet HTML 7Page - Richtek Technology Corporation RT9277APF Datasheet HTML 8Page - Richtek Technology Corporation RT9277APF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9277A/B
Preliminary
5
DS9277A/B-02 March 2007
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN) --------------------------------------------------------------------------------------------------
−0.3 to 6V
LX to GND ---------------------------------------------------------------------------------------------------------------
− 0.3V to 16V
The other pins ----------------------------------------------------------------------------------------------------------
− 0.3V to 6V
Power Dissipation, PD @ TA = 70
°C
MSOP-8 ----------------------------------------------------------------------------------------------------------------- 625mW
Package Thermal Resistance (Note 4)
MSOP-8,
θJA------------------------------------------------------------------------------------------------------------ 160°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
− 65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VIN = 3V, FREQ left floating, TA = 25
°C, Unless Otherwise specification)
Recommended Operating Conditions
(Note 3)
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
System Supply Input
Operation voltage Range
VIN
2.5
--
5.5
V
Under Voltage Lock Out
UVLO
1.9
2
2.1
V
Power On Reset Hysteresis
--
100
--
mV
VFB = 1.3V, No switching
--
250
350
μA
Quiescent Current
IQ
VFB = 1.0V, Switching, No load
--
2
5
mA
Shut Down Current
ISHDN
EN = GND
--
--
1
μA
Soft start Current (RT9277B)
ISS
VSS = 1.2V
1.5
4
7
μA
Switching Regulator Oscillator
FREQ = GND
540
640
740
kHz
Free Run Frequency
fOSC
FREQ = VIN
--
1200
--
kHz
Maximum Duty Cycle
82
90
96
%
Reference Voltage
Feedback Reference Voltage
VREF
VCOMP = 1.24V
1.222
1.24
1.258
V
Error Amplifier
Transconductance
Gm
70
140
240
μΩ
Voltage Gain
AV
--
700
--
V/V
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com