Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9277APF Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9277APF
Description  High Performance, Low Noise Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9277APF Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9277APF Datasheet HTML 3Page - Richtek Technology Corporation RT9277APF Datasheet HTML 4Page - Richtek Technology Corporation RT9277APF Datasheet HTML 5Page - Richtek Technology Corporation RT9277APF Datasheet HTML 6Page - Richtek Technology Corporation RT9277APF Datasheet HTML 7Page - Richtek Technology Corporation RT9277APF Datasheet HTML 8Page - Richtek Technology Corporation RT9277APF Datasheet HTML 9Page - Richtek Technology Corporation RT9277APF Datasheet HTML 10Page - Richtek Technology Corporation RT9277APF Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9277A/B
Preliminary
7
DS9277A/B-02 March 2007
www.richtek.com
Typical Operating Characteristics
Efficiency vs. Output Current
50
55
60
65
70
75
80
85
90
95
0
20
40
60
80
100 120 140 160 180 200
Output Current (mA)
VIN = 3.3V, VOUT = 12V
640kHz
1.2MHz
Efficiency vs. Output Current
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
Output Current (mA)
VIN = 5.0V, VOUT = 12V
640kHz
1.2MHz
Output Voltage vs. Output Current
11.94
11.96
11.98
12.00
12.02
12.04
12.06
0
20
40
60
80
100 120 140 160 180 200
Output Current (mA)
VIN = 3.3V, VOUT = 12V
640kHz
1.2MHz
Efficiency vs. Output Current
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
Output Current (mA)
VOUT = 9.0V, f = 1.2MHz
VIN = 5V
VIN = 3.5V
Output Voltage vs. Output Current
8.80
8.84
8.88
8.92
8.96
9.00
0
50
100
150
200
250
300
350
Output Current (mA)
VOUT = 9.0V, f = 1.2MHz
VIN = 5V
VIN = 3.5V
Output Voltage vs. Output Current
11.90
11.92
11.94
11.96
11.98
12.00
12.02
12.04
12.06
0
50
100
150
200
250
300
350
Output Current (mA)
VIN = 5.0V, VOUT = 12V
640kHz
1.2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com