Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9711GS
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9711GS Datasheet HTML 1Page - Richtek Technology Corporation RT9711GS Datasheet HTML 2Page - Richtek Technology Corporation RT9711GS Datasheet HTML 3Page - Richtek Technology Corporation RT9711GS Datasheet HTML 4Page - Richtek Technology Corporation RT9711GS Datasheet HTML 5Page - Richtek Technology Corporation RT9711GS Datasheet HTML 6Page - Richtek Technology Corporation RT9711GS Datasheet HTML 7Page - Richtek Technology Corporation RT9711GS Datasheet HTML 8Page - Richtek Technology Corporation RT9711GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9711
Preliminary
4
DS9711-04 March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
FLAG Delay Time
(Note 4)
tD
From fault condition to FLG
5
12
20
ms
Under-Voltage Lockout
VUVLO
VIN increasing
1.3
1.7
--
V
Under-Voltage Hysteresis
ΔVUVLO
VIN decreasing
--
0.1
--
V
Thermal Shutdown Protection
TSD
--
130
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
The FLAG delay time is input voltage dependent, see“ Typical Operating Characteristics” graph for further details.
Note 5.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com