Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711GS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9711GS
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711GS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9711GS Datasheet HTML 3Page - Richtek Technology Corporation RT9711GS Datasheet HTML 4Page - Richtek Technology Corporation RT9711GS Datasheet HTML 5Page - Richtek Technology Corporation RT9711GS Datasheet HTML 6Page - Richtek Technology Corporation RT9711GS Datasheet HTML 7Page - Richtek Technology Corporation RT9711GS Datasheet HTML 8Page - Richtek Technology Corporation RT9711GS Datasheet HTML 9Page - Richtek Technology Corporation RT9711GS Datasheet HTML 10Page - Richtek Technology Corporation RT9711GS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9711
Preliminary
7
DS9711-04 March 2007
www.richtek.com
FLAG Delay Time vs. Input Voltage
0
4
8
12
16
20
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
SOT-23-5, VEN = 0V
CIN = COUT = 33uF/Electrolytic
UVLO Threshold vs. Temperature
0
0.4
0.8
1.2
1.6
2
2.4
-40
-20
0
20
40
60
80
100
120
Temperature
SOT-23-5, VIN Increasing
VEN = 0V, ILOAD = 15mA
CIN = COUT = 33uF/Electrolytic
(
°C)
Flag Delay Time vs. Temperature
7
8
9
10
11
12
13
14
15
16
-40
-20
0
20
40
60
80
100
120
Temperature
SOT-23-5, VIN = 5V, VEN = 0V
CIN = COUT = 33
μF/Electrolytic
Swith Off Supply Current vs. Temperature
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
-20
0
20
40
60
80
100
120
Temperature
SOT-23-5, VIN = VEN = 5V
CIN = COUT = 33
μF/Electrolytic
RL = Open
(
°C)
Current Limit Transient Response
Time (50
μs/Div)
IOUT
(1A/Div)
SOT-23-5, VIN = 5V
VEN = 0V, RL = 2
Ω
CIN = COUT = 33
μF/Electrolytic
Load Transient Response
Time (1ms/Div)
VOUT
(1V/Div)
IOUT
(1A/Div)
SOT-23-5, VIN = 5V
VEN = 0V, COUT = 1
μF
CIN = 33
μF/Electrolytic
RL = 1k
Ω 2.2Ω
≥
4.8V
1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com