Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711GS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9711GS
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711GS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9711GS Datasheet HTML 1Page - Richtek Technology Corporation RT9711GS Datasheet HTML 2Page - Richtek Technology Corporation RT9711GS Datasheet HTML 3Page - Richtek Technology Corporation RT9711GS Datasheet HTML 4Page - Richtek Technology Corporation RT9711GS Datasheet HTML 5Page - Richtek Technology Corporation RT9711GS Datasheet HTML 6Page - Richtek Technology Corporation RT9711GS Datasheet HTML 7Page - Richtek Technology Corporation RT9711GS Datasheet HTML 8Page - Richtek Technology Corporation RT9711GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9711
Preliminary
5
DS9711-04 March 2007
www.richtek.com
Typical Operating Characteristics
Supply Current vs. Temperature
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
100
120
Temperature
SOT-23-5
VIN = 5V, VEN = 0V, RL = Open
CIN = COUT = 33
μF/Electrolytic
(
°C)
Switch On Resistance vs. Temperature
0
0.05
0.1
0.15
0.2
0.25
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
SOP-8, VIN = 5V, ILOAD = 1.5A
CIN = 1
μF/X7R, COUT = 10μF/X7R
Switch On Resistance vs. Temperature
0
0.05
0.1
0.15
0.2
0.25
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
SOT-23-5, VIN = 5V, ILOAD = 1.5A
CIN = 1
μF/X7R, COUT = 10μF/X7R
Supply Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
22.533.544.555.5
Input Voltage (V)
SOT-23-5, VEN = 0V, RL = Open
CIN = COUT = 33
μF/Electrolytic
Current Limit vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
22.5
33.5
44.5
55.5
Input Voltage (V)
SOT-23-5
VIN = 5V, VEN = 0V, RL = 2.2
Ω
CIN = 1
μF/X7R, COUT = 10μF/X7R
Switch on Resistance vs. Input Voltage
20
40
60
80
100
120
140
22.5
33.5
44.5
55.5
Input Voltage (V)
SOT-23-5, ILOAD = 1.5A
CIN = COUT = 33
μF/Electrolytic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com