Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9711GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9711GS
Description  80m廓, 1.5A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9711GS Datasheet HTML 4Page - Richtek Technology Corporation RT9711GS Datasheet HTML 5Page - Richtek Technology Corporation RT9711GS Datasheet HTML 6Page - Richtek Technology Corporation RT9711GS Datasheet HTML 7Page - Richtek Technology Corporation RT9711GS Datasheet HTML 8Page - Richtek Technology Corporation RT9711GS Datasheet HTML 9Page - Richtek Technology Corporation RT9711GS Datasheet HTML 10Page - Richtek Technology Corporation RT9711GS Datasheet HTML 11Page - Richtek Technology Corporation RT9711GS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT9711
Preliminary
8
DS9711-04 March 2007
www.richtek.com
Flag Response during Short Circuit
Time (5ms/Div)
VFLG
(5V/Div)
IOUT
(1A/Div)
SOT-23-5, VIN = 5V, RL = 0
Ω
CIN = COUT = 33
μF/Electrolytic
10ms
VEN
(5V/Div)
Turn On Response
Time (100
μs/Div)
SOT-23-5, VIN = 5V, RL = 30
Ω
CIN = 33
μF/Electrolytic
COUT = 1
μF/Electrolytic
VEN
(5V/Div)
VOUT
(5V/Div)
SOT-23-5, VIN = 5V, RL = 30
Ω
Turn Off Response
Time (100
μs/Div)
VEN
(5V/Div)
VOUT
(5V/Div)
CIN = 33
μF/Electrolytic
COUT = 1
μF/Electrolytic
IOUT
(200mA/Div)
UVLO at Rising
Time (1ms/Div)
VIN
(1V/Div)
VOUT
(1V/Div)
SOT-23-5, VIN = 5V, VEN = 0V
CIN = 33
μF/Electrolytic, COUT = 1μF
RL = 30
Ω
UVLO at Falling
Time (5ms/Div)
VIN
(1V/Div)
VOUT
(1V/Div)
SOT-23-5, VIN = 5V, VEN = 0V
CIN = 33
μF/Electrolytic, COUT = 1μF
RL = 30
Ω
Flag Response during Over Load
Time (5ms/Div)
VFLG
(5V/Div)
IOUT
(1A/Div)
SOT-23-5, VIN = 5V, RL = 2
Ω
CIN = COUT = 33
μF/Electrolytic
12ms
VOUT
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com