Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6680TR
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6680TR Datasheet HTML 25Page - STMicroelectronics PM6680TR Datasheet HTML 26Page - STMicroelectronics PM6680TR Datasheet HTML 27Page - STMicroelectronics PM6680TR Datasheet HTML 28Page - STMicroelectronics PM6680TR Datasheet HTML 29Page - STMicroelectronics PM6680TR Datasheet HTML 30Page - STMicroelectronics PM6680TR Datasheet HTML 31Page - STMicroelectronics PM6680TR Datasheet HTML 32Page - STMicroelectronics PM6680TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
PM6680
Device description
29/49
When a switching section is turned off (EN1/EN2 pins low), the controller enters in soft end
mode.The output capacitor is discharged through an internal 18
Ω P-MOSFET switch; when
the output voltage reaches 0.3V, the low-side MOSFET turns on, keeping the output to
ground. The soft end time also depends on load condition.
7.8
Gate drivers
The integrated high-current drivers allow to use different power MOSFETs. The high side
driver MOSFET uses a bootstrap circuit which is indirectly supplied by LDO5 output. The
BOOT and PHASE pins work respectively as supply and return rails for the HS driver.
The low side driver uses the internal LDO5 output for the supply rail and PGND pin as return
rail.
An important feature of the gate drivers is the adaptive anti-cross conduction protection,
which prevents high side and low side MOSFETs from being on at the same time. When the
high side MOSFET is turned off the voltage at the phase node begins to fall. The low side
MOSFET is turned on when the voltage at the phase node reaches an internal threshold.
When the low side MOSFET is turned off, the high side remains off until the LGATE pin
voltage goes approximately under 1V.
The power dissipation of the drivers is a function of the total gate charge of the external
power MOSFETs and the switching frequency, as shown in the following equation:
Equation 11
Where Vdriver is the 5V driver supply.
7.9
Reference voltage and bandgap
The 1.237V (typ.) internal bandgap voltage is accurate to ±1% over the temperature range.
It is externally available (VREF pin) and can supply up to 100
µA and can be used as a
voltage threshold for the multifunction pins FSEL and SKIP to select the appropriate working
mode. Bypass VREF to ground with a 100nF minimum capacitor.
If VREF goes below 0.87V (typ.) , the system detects a fault condition and all the circuitry is
turned off. A toggle on the input voltage (power on reset) or a toggle on SHDN pin is
necessary to restart the device.
An internal divider of the the bandgap provides a voltage reference Vr of 0.9V. This voltage
is used as reference for the linear and the switching regulators outputs. The overvoltage
protection, the undervoltage protection and the power good signals are referred to Vr.
sw
g
driver
driver
f
Q
V
P
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com