Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6680TR
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6680TR Datasheet HTML 26Page - STMicroelectronics PM6680TR Datasheet HTML 27Page - STMicroelectronics PM6680TR Datasheet HTML 28Page - STMicroelectronics PM6680TR Datasheet HTML 29Page - STMicroelectronics PM6680TR Datasheet HTML 30Page - STMicroelectronics PM6680TR Datasheet HTML 31Page - STMicroelectronics PM6680TR Datasheet HTML 32Page - STMicroelectronics PM6680TR Datasheet HTML 33Page - STMicroelectronics PM6680TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Device description
PM6680
30/49
7.10
Internal linear regulator
The PM6680 has an internal linear regulator providing 5V (LDO5) at ±2% accuracy. High
side drivers, low side drivers and most of internal circuitry are supplied by LDO5 output
through VCC pin (an external RC filter may be applied between LDO5 and VCC). The linear
regulator can provide an average output current of 50mA and a peak output current of
100mA. Bypass LDO5 output with a minimum 1
µF ceramic capacitor and a 4,7µF tantalum
capacitor ( ESR 2
Ω). If the 5V output goes below 4V, the system detects a fault condition
and all the circuitry is turned off. A power on reset or a toggle on SHDN pin is necessary to
restart the device.
V5SW pin allows to keep the 5V linear regulator always active or to enable the internal
bootstrap-switch over function: if the 5V switching output is connected to V5SW, when the
voltage on V5SW pin is above 4.8V, an internal 3.0
Ω max p-channel MOSFET switch
connects V5SW pin to LDO5 pin and simultaneously LDO5 shuts down. This configuration
allows to achieve higher efficiency. V5SW can be connected also to an external 5V supply.
LDO5 regulator turns off and LDO5 is supplied externally. If V5SW is connected to ground,
the internal 5V regulator is always on and supplies LDO5 output.
7.11
Power up sequencing and operative modes
Let's consider SHDN, EN1 and EN2 low at the beginning. The battery voltage is applied as
input voltage. The device is in shutdown mode.
When the SHDN pin voltage is above the shutdown device on threshold (1.5V typ.), the
controller begins the power-up sequence. All the latched faults are cleared. LDO5
undervoltage control is blanked for 4 ms and the internal regulator LDO5 turns on. If the
LDO5 output is above the UVLO threshold after this time, the device enters in standby
mode. The switching outputs are kept to ground by turning on the low side MOSFETs.
When EN1 and EN2 pins are forced high the switching sections begin their soft start
sequence.
Table 7.
V5SW multifunction pin
V5SW
Description
GND
The 5V linear regulator is always turned on and supplies LDO5 output.
Switching 5V
output
The 5V linear regulator is turned off when the voltage on V5SW is above 4.8V and
LDO5 output is supplied by the switching 5V output.
External 5V
supply
The 5V linear regulator is turned off when the voltage on V5SW is above 4.8V and
LDO5 output is supplied by the external 5V.
Table 8.
Operatives modes
Mode
Conditions
Description
Run
SHDN is high,
EN1/EN2 pins are high
Switching regulators are enabled; internal linear
regulators outputs are enabled.
Standby
Both EN1/EN2 pins are low
and SHDN pin is high
Internal Linear regulators active (LDO5 is always on).
In Standby mode LGATE1/LGATE2 pins are forced
high while HGATE1/HGATE2 pins are forced low.
Shutdown
SHDN is low
All circuits off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com