Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6680TR
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6680TR Datasheet HTML 28Page - STMicroelectronics PM6680TR Datasheet HTML 29Page - STMicroelectronics PM6680TR Datasheet HTML 30Page - STMicroelectronics PM6680TR Datasheet HTML 31Page - STMicroelectronics PM6680TR Datasheet HTML 32Page - STMicroelectronics PM6680TR Datasheet HTML 33Page - STMicroelectronics PM6680TR Datasheet HTML 34Page - STMicroelectronics PM6680TR Datasheet HTML 35Page - STMicroelectronics PM6680TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Device description
PM6680
32/49
7.13
Design guidelines
The design of a switching section starts from two parameters:
●
Input voltage range: in notebook applications it varies from the minimum battery
voltage, VINmin to the AC adapter voltage, VINmax.
●
Maximum load current: it is the maximum required output current, ILOAD(max).
7.13.1
Switching frequency
It's possible to set 3 different working frequency ranges for the two sections with FSEL pin
(Table 7 on page 30).
Switching frequency mainly influences two parameters:
●
Inductor size: for a given saturation current and RMS current, greater frequency allows
to use lower inductor values, which means smaller size.
●
Efficiency: switching losses are proportional to frequency. High frequency generally
involves low efficiency.
7.13.2
Inductor selection
Once that switching frequency is defined, inductor selection depends on the desired
inductor ripple current and load transient performance.
Low inductance means great ripple current and could generate great output noise. On the
other hand, low inductor values involve fast load transient response.
A good compromise between the transient response time, the efficiency, the cost and the
size is to choose the inductor value in order to maintain the inductor ripple current
∆I
L
between 20% and 50% of the maximum output current ILOAD(max). The maximum ∆IL
occurs at the maximum input voltage. With this considerations, the inductor value can be
calculated with the following relationship:
Equation 12
where fSW is the switching frequency, VIN is the input voltage, VOUT is the output voltage and
∆I
L is the selected inductor ripple current.
In order to prevent overtemperature working conditions, inductor must be able to provide an
RMS current greater than the maximum RMS inductor current ILRMS:
Equation 13
Where
∆I
L(max) is the maximum ripple current:
IN
OUT
L
sw
OUT
IN
V
V
I
f
V
V
L
×
∆
×
−
=
12
(max))
I
(
(max))
I
(
I
2
L
2
LOAD
LRMS
∆
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com