Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680TR Datasheet(PDF) 43 Page - STMicroelectronics

Part # PM6680TR
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680TR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PM6680TR Datasheet HTML 39Page - STMicroelectronics PM6680TR Datasheet HTML 40Page - STMicroelectronics PM6680TR Datasheet HTML 41Page - STMicroelectronics PM6680TR Datasheet HTML 42Page - STMicroelectronics PM6680TR Datasheet HTML 43Page - STMicroelectronics PM6680TR Datasheet HTML 44Page - STMicroelectronics PM6680TR Datasheet HTML 45Page - STMicroelectronics PM6680TR Datasheet HTML 46Page - STMicroelectronics PM6680TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
PM6680
Device description
43/49
Equation 39
(Let's assume the maximum temperature Tmax = 75°C in RDSon calculation)
OUT2:
Equation 40
Equation 41
(Let's assume Tmax = 75°C in RDSon calculation)
5.
Input capacitor
Maximum input capacitor RMS current is about 2.8A. Then ICinRMS > 2.8A.
We put three 10uF ceramic capacitors with Irms = 1.5A.
6.
Synchronous rectifier
OUT1: Shottky diode STPS1L30M
OUT2: Shottky diode STPS1L30M
7.
Integrator loop
(Refer to Figure 37)
OUT1: The ripple is smaller than 40mV, then the virtual ESR network is required.
CINT = 1nF; Cfilt = 47pF; RINT =1kΩ
C = 5.6nF; R= 36k
Ω; R1 = 3kΩ
OUT2: The ripple is smaller than 40mV, then the virtual ESR network is required.
CINT = 1nF; Cfilt = 110pF; RINT = 1kΩ
C = 5.6nF; R = 22k
Ω; R1 = 3.3kΩ
8.
Output feedback divider
(Refer to Figure 30 on page 24)
OUT1: R1 = 10k
Ω; R2 = 6.8kΩ
OUT2: R1 = 11k
Ω; R2 = 1.8kΩ
9.
Layout guidelines
The layout is very important in terms of efficiency, stability and noise of the system. It is
possible to refer to the PM6680 demoboard for a complete layout example.
For good PC board layout follows these guidelines:
●
Place on the top side all the power components (inductors, input and output capacitors,
MOSFETs and diodes). Refer them to a power ground plan, PGND. If possible, reserve
a layer to PGND plan. The PGND plan is the same for both the switching sections.
●
AC current paths layout is very critical (see Figure 41 on page 44). The first priority is to
minimize their length. Trace the LS MOSFET connection to PGND plan as short as
Ω
≈
Ω
⋅
µ
≡
670
m
25
.
16
A
100
A
12
.
4
RCSENSE
A
2
.
4
2
(min)
I
(max)
I
(min)
I
L
LOAD
Lvalley
=
∆
−
=
Ω
≈
Ω
⋅
µ
≡
680
m
25
.
16
A
100
A
2
.
4
RCSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com