Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL553 Datasheet(PDF) 2 Page - DFI Inc

Part # ASL553
Description  Intel® Atom® Amston Lake Processors 3.5" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL553 Datasheet(HTML) 2 Page - DFI Inc

  ASL553 Datasheet HTML 1Page - DFI Inc ASL553 Datasheet HTML 2Page - DFI Inc ASL553 Datasheet HTML 3Page - DFI Inc ASL553 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
4800 MT/s
Audio Header
(Line-out/Mic-in)
TPM2.0
NPCT750AADYX
DDR5 SO-DIMM
Realtek
ALC888
SPI ROM
USB 2.0
Box Header
DIO
Box Header
COM1
Box Header
Super IO
NCT 5525
SATA
Connector
Amston Lake
M.2 M key
2242/2280
M.2 E key
2230
2x2 pin power connector
(Co-lay DC Jack)
9V~36V IN
HDMI 1.4b
I226V/IT
I226V/IT
I226V/IT
M.2 B Key
3052
Resistor
MUX
2.5GbE
(RJ-45)
2.5GbE
(RJ-45)
2.5GbE
(RJ-45)
SIM Slot
PD Controller
IT8856
USB 3.2 2x
Type-A Connector
USB 3.2
Type-A Connector
Type-C Connector
(USB3.2/DP Alt. Mode)
PTN3460
LVDS
eDP
PCIe x1
USB 2.0
DDIB
PCIe x1
USB 3.0
PCIe x1
USB 2.0
PCIe x1
SMBus
DDIA
HDA
Default
System Fan
F81439
MECHANICAL DRAWING
BLOCK DIAGRAM
(Opt.)
0
13.03
22
96
102
SATA 3.0
PCIe x1
CNVi
USB 2.0 2x
SPI Bus
SPI Bus
8 bit GPIO
eSPI
SATA 3.0
USB 3.0
USB 2.0
USB 2.0
USB 2.0
TCP1
TCP0
(Opt.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com