Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL553 Datasheet(PDF) 3 Page - DFI Inc

Part # ASL553
Description  Intel® Atom® Amston Lake Processors 3.5" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL553 Datasheet(HTML) 3 Page - DFI Inc

  ASL553 Datasheet HTML 1Page - DFI Inc ASL553 Datasheet HTML 2Page - DFI Inc ASL553 Datasheet HTML 3Page - DFI Inc ASL553 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
Intel® Atom x7000RE series processors (Code Name : Amston Lake)
Intel® Atom Processor x7835RE, 8 Cores, 1.3~3.6GHz, 12W
Intel® Atom Processor x7433RE, 4 Cores, 1.5~3.4GHz, 9W
Intel® Atom Processor x7213RE, 2 Cores, 2.0~3.4GHz, 9W
Intel® Atom Processor x7211RE, 2 Cores, 1.0~3.2GHz, 6W
Memory
One 262-pin SODIMM up to 16GB
Single Channel DDR5 4800MHz
BIOS
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD Graphics
Feature
OpenGL 4.6, Direct X 12.1, OpenCL 3.0
HW Decode: HEVC, VP9, AV1, AVC
HW Encode: HEVC, VP9, AVC
Display
1 x HDMI
1 x Type-C DP Alt. Mode
1 x LVDS/eDP (Opt.)
HDMI: resolution up to 4096x2160 @24Hz
DP: resolution up to 3840x2160 @60Hz
LVDS: dual channel 24-bit, resolution up to
1920x1200 @60Hz
eDP: resolution up to 4096x2160 @60Hz
Triple Display
HDMI + Type-C DP Alt. Mode + LVDS/eDP (Opt.)
EXPENSION
Interface
1 x M.2 M key 2280/2242 (PCIe Gen3 x1/SATA3.0)
1 x M.2 B key 3052/3042 (USB3.0/USB2.0, optional PCIe x1), 1 x SIM slot for 4G/5G
1 x M.2 E key 2230 (USB/PCIe x1, support CNVi)
AUDIO
Audio Codec
Realtek ALC888S
ETHERNET
Controller
3 x Intel® I226V/IT(10/100/1000/2500Mbps). LAN3 option with M.2 3052 PCIe x1.
REAR I/O
Ethernet
3 x 2.5GbE (RJ-45)
USB
4 x USB 3.2
Display
1 x HDMI
1 x Type-C DP Alt. Mode
1 x LVDS/eDP (Opt.)
INTERNAL I/O
Serial
1 x RS-232/422/485 (2.0mm pitch)
USB
2 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS LCD Panel Connector
1 x LCD/Inverter Power
Audio
1 x Audio (Line-out/Mic-in)
SATA
1 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
dTPM2.0
POWER
Type
Wide Range 9~36V DC
Connector
Right Angle Connector (4-pin)
DC-in Jack (available upon request)
Vertical Type Connector (4-pin) (available upon request)
Consumption
TBD
RTC Battery
CR2032 Coin Cell
OS SUPPORT
OS Support
(UEFI Only)
Windows 10 IoT Enterprise (64-bit)
Windows 11
Linux
ENVIRONMENT
Temperature
Operating: -40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANISM
Dimensions
3.5" SBC Form Factor
146mm (5.75") x 102mm (4.02")
Height
PCB: 1.6mm
Top Side: 15.0mm
Bottom Side: 4.0mm
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC Class B, RoHS, UKCA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com