Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL553 Datasheet(PDF) 4 Page - DFI Inc

Part # ASL553
Description  Intel® Atom® Amston Lake Processors 3.5" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL553 Datasheet(HTML) 4 Page - DFI Inc

  ASL553 Datasheet HTML 1Page - DFI Inc ASL553 Datasheet HTML 2Page - DFI Inc ASL553 Datasheet HTML 3Page - DFI Inc ASL553 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 12, 2024 DFI Inc.
PACKING LIST
OPTIONAL ITEMS
• 1 ASL553 board
• 1 COM port cable(Length: 250mm, 1x COM port)
A81-015115-018G
• 1 SATA DATA/Power cable (Length : 300mm)
A81-002144-018G
• 1 Heat sink (Height: 29 mm)
A71-008353-000G
• Power adapter (60W, 12V)
671-106012-000G
• USB 2.0 cable (Length: 200mm, 2 USB ports)
A81-001163-018G
• Front panel cable (Length: 250mm)
A81-009678-018G
• Audio cable (Length: 160mm)
A81-022007-016G
• Heat spreader (Height: 11mm)
A71-808356-000G
• Cooler (Height: 30.5mm)
A71-108308-000G
• 4-pin power to DC jack cable (Length: 100mm)
A81-004051-016G
ORDERING INFORMATION
Model Name
P/N
Processor
Memory Display
2.5
GbE
RS232/
422/485 USB 3.2 USB 2.0 Power
Thermal Temp.
ASL553-TN-x7211RE 770-ASL5532-800G Intel
® Atom Processor
x7211RE, 2 Cores, 6W
1 DDR5
SODIMM
HDMI + Type-C DP
Alt. Mode + LVDS
3
1
4
2
9~36 VDC Fanless -40 to 85°C
ASL553-TN-x7213RE 770-ASL5532-900G Intel
® Atom Processor
x7213RE, 2 Cores, 9W
1 DDR5
SODIMM
HDMI + Type-C DP
Alt. Mode + LVDS
3
1
4
2
9~36 VDC Fanless -40 to 85°C
ASL553-TN-x7433RE 770-ASL5532-A00G Intel
® Atom Processor
x7433RE, 4 Cores, 9W
1 DDR5
SODIMM
HDMI + Type-C DP
Alt. Mode + LVDS
3
1
4
2
9~36 VDC Fanless -40 to 85°C
ASL553-TN-x7835RE 770-ASL5532-B00G Intel
® Atom Processor
x7835RE, 8 Cores, 12W
1 DDR5
SODIMM
HDMI + Type-C DP
Alt. Mode + LVDS
3
1
4
2
9~36 VDC Fanless -40 to 85°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com