Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL553 Datasheet(PDF) 1 Page - DFI Inc

Part # ASL553
Description  Intel® Atom® Amston Lake Processors 3.5" SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ASL553 Datasheet(HTML) 1 Page - DFI Inc

  ASL553 Datasheet HTML 1Page - DFI Inc ASL553 Datasheet HTML 2Page - DFI Inc ASL553 Datasheet HTML 3Page - DFI Inc ASL553 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bottom View
Top View
Intel® Atom® Amston Lake Processors
3.5" SBC
KEY FEATURES
ASL553
Atom
DDR5
4K High
Resolution
Triple Display
Rich I/O
Connectivity
Multiple
Expansion
1 DDR5 SO-DIMM
Supports 4K/ 2K reso-
lution
1 HDMI,
1 Type-C DP Alt. Mode,
1 LVDS/eDP (Opt.)
3 2.5GbE LAN,
4 USB 3.2, 2 USB 2.0,
1 SATA
1 M.2 M Key,
1 M.2 B Key,
1 M.2 E Key
2.5G LAN 1/2/3
USB 3.2
Gen2
HDMI
USB 3.2
Gen1
USB Type-C
M.2 M key
M.2 B key
USB 2.0
COM 1
DDR5 SODIMM
DC-in
System Fan
SPI ROM
Front Panel
SATA Power
Audio
Amston Lake Processors
SIM Slot
LCD/Inverter Power
SATA 3.0
eDP (Opt.)
LVDS
M.2 E key
8-bit DIO


Similar Part No. - ASL553

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL550 ASB-ASL550 Datasheet
1Mb / 25P
Wideband Linear Amplifier MMIC
September 2012
ASL550 ASB-ASL550 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL551 ASB-ASL551 Datasheet
705Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2012
ASL551 ASB-ASL551 Datasheet
943Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
July 2017
More results

Similar Description - ASL553

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
Advantech Co., Ltd.
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
MIO-5152 ADVANTECH-MIO-5152 Datasheet
5Mb / 6P
Intel® Atom® x6000E series and Intel Celeron N and J series 3.5" SBC
27-May-2022
MIO-5850 ADVANTECH-MIO-5850 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
SOM-6832 ADVANTECH-SOM-6832 Datasheet
1Mb / 6P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
29-Nov-2021
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
BCM Advanced Research.
ECM-3455J BCM-ECM-3455J Datasheet
647Kb / 1P
Intel® Celeron J3455 3.5” SBC Micro Module
07/11/2022
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
RX170Q BCM-RX170Q Datasheet
583Kb / 1P
Intel® Q170 uATX Motherboard supports Intel Kaby Lake/ Skylake Processors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com