Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC510-CS Datasheet(PDF) 3 Page - DFI Inc

Part # EC510-CS
Description  8th/9th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC510-CS Datasheet(HTML) 3 Page - DFI Inc

  EC510-CS Datasheet HTML 1Page - DFI Inc EC510-CS Datasheet HTML 2Page - DFI Inc EC510-CS Datasheet HTML 3Page - DFI Inc EC510-CS Datasheet HTML 4Page - DFI Inc EC510-CS Datasheet HTML 5Page - DFI Inc EC510-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
8th/9th Generation Intel® Core™ Processors, LGA 1151
Intel® Core™ i7-9700TE , Octa Cores, 12M Cache, up to 3.8 GHz, 35W
Intel® Core™ i5-9500TE , Hexa Cores, 9M Cache, up to 3.6 GHz), 35W
Intel® Core™ i3-9100TE, Quad Cores, 6M Cache, up to 3.2 GHz, 35W
Intel® Core™ i7-8700T Processor, Hexa Core, 12M Cache, 2.4GHz (4GHz), 35W
Intel® Core™ i5-8500T Processor, Hexa Core, 9M Cache, 2.1GHz (3.5GHz), 35W
Intel® Core™ i3-8100T Processor, Quad Core, 6M Cache, 3.1GHz, 35W
Intel® Pentium® Processor G5400T, Dual Core, 4M Cache, 3.1GHz, 35W
Intel® Celeron® Processor G4900T, Dual Core, 2M Cache, 3.1GHz, 35W
Chipset
Intel® Q370/H310 Chipset
Memory
Two 260-pin DDR4 2400/2666MHz SODIMM up to 64GB
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL up to 5.0, DirectX 11, OpenCL 2.1
HW Decode: HEVC/H.265, H.264, M/JPEG, MPEG2, VC1/WMV9, VP8 (8-bit), VP9 (10-bit)
HW Encode: HEVC/H.265, M/JPEG, MPEG2, VP8
Display
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
1 x VGA
2 x HDMI/DP++ (auto detection)
-EC51x-CS98A1-H
1 x VGA
1 x HDMI/DP++ (auto detection)
VGA: resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
DP++: resolution up to 4096x2304 @ 60Hz
Double/Triple Displays
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
VGA + 2 x HDMI/DP++ (auto detection)
-EC51x-CS98A1-H
VGA + 1 x HDMI/DP++ (auto detection)
STORAGE
Interface
2 x 2.5" SATA 3.0 drive bay
support RAID 0/1 (EC51x-CS6G86E-Q/EC51x-CS6G86-Q)
EXPANSION
Interface
-EC510-CS6G86E-Q/EC510-CS6G86-Q
1 x M.2 2230 E key (PCIe/USB 2.0)
1 x M.2 2280 M key (PCIe x4 NVMe/SATA)
1 x M.2 3042/3052 B key (PCIe/USB 3.0)
1 x PCI slot
-EC510-CS98A1-H
1 x M.2 2230 E key (PCIe/USB 2.0)
1 x M.2 2280 M key (SATA)
1 x M.2 3042/3052 B key (PCIe)
1 x PCI slot
-EC511-CS6G86E-Q/EC511-CS6G86-Q
1 x M.2 2230 E key (PCIe/USB 2.0)
1 x M.2 2280 M key (PCIe x4 NVMe/SATA)
1 x M.2 3042/3052 B key (PCIe/USB 3.0)
1 x PCIe x16 slot
-EC511-CS98A1-H
1 x M.2 2230 E key (PCIe/USB 2.0)
1 x M.2 2280 M key (SATA)
1 x M.2 3042/3052 B key (PCIe)
1 x PCIe x16 slot
AUDIO
Audio Codec
ALC888
ETHERNET
Controller
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM with iAMT11.0 PCIe (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
-EC51x-CS98A1-H
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219V with iAMT11.0 PCIe (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
LED
Indicators
1 x Status LED
1 x HDD LED
FRONT I/O
Serial
4 x RS-232/422/485 (DB-9)
USB
2 x USB 2.0 (type A)
Buttons
1 x Power button
1 x Reset button
Antenna
4 x Antenna hole (WiFi)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com