Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC510-CS Datasheet(PDF) 6 Page - DFI Inc

Part # EC510-CS
Description  8th/9th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC510-CS Datasheet(HTML) 6 Page - DFI Inc

  EC510-CS Datasheet HTML 1Page - DFI Inc EC510-CS Datasheet HTML 2Page - DFI Inc EC510-CS Datasheet HTML 3Page - DFI Inc EC510-CS Datasheet HTML 4Page - DFI Inc EC510-CS Datasheet HTML 5Page - DFI Inc EC510-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © June 13, 2024 DFI Inc.
ORDERING INFORMATION: EC510-CS
ORDERING INFORMATION: EC510-CS
1 EC510/EC511-CS system unit
1 M.2 slot screws
1 terminal block 3-pole for DC input
1 cable with 2 wire stripped and tinned to DC jack
PACKING LIST
Model Name
Part Number
Description
EC510-CS6G86E-Q 750-EC5102-000G
Fanless, CS263,Q370, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 2 LAN, 4 POE (802.3af), 1 Line-out,
1 Mic-in, 1 PCI, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS6G86-Q
750-EC5102-100G
Fanless, CS263,Q370, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 6 LAN, 1 Line-out, 1 Mic-in, 1 PCI,
DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS98A1-H
750-EC5102-200G
Fanless, CS263,H310, 9 COM, 8 DIO, 10 USB, 1 HDMI/DP, 1 VGA, 2 LAN, 1 Line-out, 1 Mic-in, 1 PCI,
DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS6G86E-Q 750-EC5102-300G
Fanless, CS263,Q370, i7-8700T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 2 LAN,
4 POE (802.3af), 1 Line-out, 1 Mic-in, 1 PCI, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS6G86-Q
750-EC5102-400G
Fanless, CS263,Q370, i7-8700T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 6 LAN, 1 Line-out,
1 Mic-in, 1 PCI, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS98A1-H
750-EC5102-500G
Fanless, CS263,H310, i7-8700T CPU, 9 COM, 8 DIO, 10 USB, 1 HDMI/DP, 1 VGA, 2 LAN, 1 Line-out,
1 Mic-in, 1 PCI, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS6G86E-Q 750-EC5102-600G
Fanless, CS263,Q370, i5-8500T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 2 LAN,
4 POE (802.3af), 1 Line-out, 1 Mic-in, 1 PCI, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS6G86-Q
750-EC5102-700G
Fanless, CS263,Q370, i5-8500T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 6 LAN, 1 Line-out,
1 Mic-in, 1 PCI, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC510-CS98A1-H
750-EC5102-800G
Fanless, CS263,H310, i5-8500T CPU, 9 COM, 8 DIO, 10 USB, 1 HDMI/DP, 1 VGA, 2 LAN, 1 Line-out,
1 Mic-in, 1 PCI, DC 9~36V input, T+B20:D24PM2.0, F/G SYSTEM RoHS
Model Name
Part Number
Description
EC511-CS6G86E-Q
750-EC5113-000G Fanless, CS263,Q370, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 2 LAN, 4 POE (802.3af), 1 Line-out,
1 Mic-in, 1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS6G86-Q
750-EC5113-100G
Fanless, CS263,Q370, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 6 LAN, 1 Line-out, 1 Mic-in,
1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS98A1-H
750-EC5113-200G
Fanless, CS263,H310, 9 COM, 8 DIO, 10 USB, 1 HDMI/DP, 1 VGA, 2 LAN, 1 Line-out, 1 Mic-in,
1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS6G86E-Q
750-EC5113-300G
Fanless, CS263,Q370, i7-9700TE CPU, 32GB memory, 2 x 2.5" 128GB SSD, 6 COM, 16 DIO, 8 USB,
2 HDMI/DP, 1 VGA, 2 LAN, 4 POE (802.3af), 1 Line-out, 1 Mic-in, 1 PCIe x16, DC 9~36V input,
F/G SYSTEM RoHS
EC511-CS6G86-Q
750-EC5113-400G
Fanless, CS263,Q370, i7-9700TE CPU, 32GB memory, 2 x 2.5" 128GB SSD, 6 COM, 16 DIO, 8 USB,
2 HDMI/DP, 1 VGA, 6 LAN, 1 Line-out, 1 Mic-in, 1 PCIe x16, DC 9~36V input, F/G SYSTEM RoHS
EC511-CS98A1-H
750-EC5113-500G
Fanless, CS263,H310, i7-9700TE CPU, 32GB memory, 2 x 2.5" 128GB SSD, 9 COM, 8 DIO, 10 USB,
1 HDMI/DP, 1 VGA, 2 LAN, 1 Line-out, 1 Mic-in, 1 PCIe x16, DC 9~36V input, F/G SYSTEM RoHS
EC511-CS6G86E-Q
750-EC5113-600G
Fanless, CS263,Q370, i7-8700T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 2 LAN,
4 POE (802.3af), 1 Line-out, 1 Mic-in, 1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS6G86-Q
750-EC5113-700G
Fanless, CS263,Q370, i7-8700T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 6 LAN, 1 Line-out,
1 Mic-in, 1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS98A1-H
750-EC5113-800G
Fanless, CS263,H310, i7-8700T CPU, 9 COM, 8 DIO, 10 USB, 1 HDMI/DP, 1 VGA, 2 LAN, 1 Line-out,
1 Mic-in, 1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS6G86E-Q
750-EC5113-900G
Fanless, CS263,Q370, i5-8500T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 2 LAN,
4 POE (802.3af), 1 Line-out, 1 Mic-in, 1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS6G86-Q
750-EC5113-A00G
Fanless, CS263,Q370, i5-8500T CPU, 6 COM, 16 DIO, 8 USB, 2 HDMI/DP, 1 VGA, 6 LAN, 1 Line-out,
1 Mic-in, 1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS
EC511-CS98A1-H
750-EC5113-B00G
Fanless, CS263,H310, i5-8500T CPU, 9 COM, 8 DIO, 10 USB, 1 HDMI/DP, 1 VGA, 2 LAN, 1 Line-out,
1 Mic-in, 1 PCIe x16, DC 9~36V input, TPM2.0, F/G SYSTEM RoHS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com