Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC510-CS Datasheet(PDF) 5 Page - DFI Inc

Part # EC510-CS
Description  8th/9th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC510-CS Datasheet(HTML) 5 Page - DFI Inc

  EC510-CS Datasheet HTML 1Page - DFI Inc EC510-CS Datasheet HTML 2Page - DFI Inc EC510-CS Datasheet HTML 3Page - DFI Inc EC510-CS Datasheet HTML 4Page - DFI Inc EC510-CS Datasheet HTML 5Page - DFI Inc EC510-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.dfi.com
SYSTEM MODELS: EC511-CS
P/N
Model
CPU
PCH
HDMI/DP
(Auto-
detection)
VGA COM USB
3.1
USB
2.0 LAN PoE
Expansion
Slot
DIO
(DB9, 8bit)
DIO
(terminal block,
16bit)
Memory
Storage
750-EC5113-000G EC511-CS6G86E-Q
–
Q370
2
1
6
4
4
2
4
1 PCIe x16
–
1
–
–
750-EC5113-900G EC511-CS6G86E-Q i5-8500T
750-EC5113-600G EC511-CS6G86E-Q i7-8700T
750-EC5113-300G EC511-CS6G86E-Q i7-9700TE
32GB 2 x 2.5" 128GB SSD
750-EC5113-100G EC511-CS6G86-Q
–
6
0
–
–
750-EC5113-A00G EC511-CS6G86-Q
i5-8500T
750-EC5113-700G EC511-CS6G86-Q
i7-8700T
750-EC5113-400G EC511-CS6G86-Q i7-9700TE
32GB 2 x 2.5" 128GB SSD
750-EC5113-200G EC511-CS98A1-H
–
H310
1
9
8
2
2
1
–
–
–
750-EC5113-B00G EC511-CS98A1-H
i5-8500T
750-EC5113-800G EC511-CS98A1-H
i7-8700T
750-EC5113-500G EC511-CS98A1-H i7-9700TE
32GB 2 x 2.5" 128GB SSD
*All above configurations are equipped with remote switch and support 2x2.5" external removable drive bay, 3xM.2 slots
(1x M.2 2280 M key, 1x M.2 2230 E key, 1x M.2 3042/3052 B key), and 9V~36Vdc input
P/N
Model
CPU
PCH
HDMI/DP
(Auto-detection) VGA COM
USB
3.1
USB
2.0 LAN PoE
Expansion
Slot
DIO
(DB9, 8bit)
DIO
(terminal block,
16bit)
750-EC5102-000G
EC510-CS6G86E-Q
–
Q370
2
1
6
4
4
2
4
1 PCI
–
1
750-EC5102-600G
EC510-CS6G86E-Q
i5-8500T
750-EC5102-300G
EC510-CS6G86E-Q
i7-8700T
750-EC5102-100G
EC510-CS6G86-Q
–
6
0
750-EC5102-700G
EC510-CS6G86-Q
i5-8500T
750-EC5102-400G
EC510-CS6G86-Q
i7-8700T
750-EC5102-200G
EC510-CS98A1-H
–
H310
1
9
8
2
2
1
–
750-EC5102-800G
EC510-CS98A1-H
i5-8500T
750-EC5102-500G
EC510-CS98A1-H
i7-8700T
*All above configurations are equipped with remote switch and support 2x2.5" external removable drive bay, 3xM.2 slots
(1x M.2 2280 M key, 1x M.2 2230 E key, 1x M.2 3042/3052 B key), and 9V~36Vdc input
SYSTEM MODELS: EC510-CS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com