Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC510-CS Datasheet(PDF) 4 Page - DFI Inc

Part # EC510-CS
Description  8th/9th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC510-CS Datasheet(HTML) 4 Page - DFI Inc

  EC510-CS Datasheet HTML 1Page - DFI Inc EC510-CS Datasheet HTML 2Page - DFI Inc EC510-CS Datasheet HTML 3Page - DFI Inc EC510-CS Datasheet HTML 4Page - DFI Inc EC510-CS Datasheet HTML 5Page - DFI Inc EC510-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.dfi.com
REAR I/O
Ethernet/PoE
-EC51x-CS6G86E-Q
2 x GbE (RJ-45)
4 x PoE (RJ-45)
-EC51x-CS6G86-Q
6 x GbE (RJ-45)
-EC51x-CS98A1-H
2 x GbE (RJ-45)
COM
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
2 x RS232
-EC51x-CS98A1-H
3 x RS232/422/485
2 x RS232
USB
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
4 x USB 3.1(Gen.2)
2 x USB2.0
-EC51x-CS98A1-H
4 x USB 3.1(Gen.2)
4 x USB 3.1(Gen.1)
DIO
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
16 bits DIO
-EC51x-CS98A1-H
8 bits DIO
Display
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
VGA + 2 x HDMI/DP++ (auto detection)
-EC51x-CS6G86E-Q/EC51x-CS6G86-Q
VGA + 1 x HDMI/DP++ (auto detection)
Audio
1 x Line-out
1 x Mic-in
WATCHDOG TIMER
Output & Interval
System reset, programmable via software from 1 to 255 seconds
SECURITY
TPM
TPM 2.0
POWER
Type
Wide range 9~36V
Connector
3-pole terminal block
2-pin power extension switch connector
OS SUPPORT
OS Support
Windows 10 IoT Enterprise 64 Bit
Linux (available upon request)
ENVIRONMENT
Operating Temperature
-20 to 60°C (2.5" SSD or M.2 SSD)
Storage Temperature
-20 to 85°C
Relative Humidity
5 to 95% RH (non-condensing)
MECHANICAL
Construction
Metal + Aluminum
Mounting
Wall mount
Dimensions (W x H x D)
255.3 x 124.6 x 224mm
Weight
5.1 kg
STANDARDS AND
CERTIFICATIONS
Shock
Half sine wave 3G, 11ms, 3 shock per axis
Vibration
IEC68-2-64
Certifications
CE, FCC Class A, UKCA, RoHS, BIS
SPECIFICATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com