Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2801ZP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC2801ZP
Description  Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2801ZP Datasheet(HTML) 5 Page - Texas Instruments

  TLC2801ZP Datasheet HTML 1Page - Texas Instruments TLC2801ZP Datasheet HTML 2Page - Texas Instruments TLC2801ZP Datasheet HTML 3Page - Texas Instruments TLC2801ZP Datasheet HTML 4Page - Texas Instruments TLC2801ZP Datasheet HTML 5Page - Texas Instruments TLC2801ZP Datasheet HTML 6Page - Texas Instruments TLC2801ZP Datasheet HTML 7Page - Texas Instruments TLC2801ZP Datasheet HTML 8Page - Texas Instruments TLC2801ZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLC2801Z, TLC2801Y
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS116B – JULY 1982 – REVISED SEPTEMBER 1996
3–5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLC2801Z
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
100
500
µV
VIO
Input offset voltage
Full range
1500
µV
α
VIO
Temperature coefficient of input offset voltage
–55
°C to
150
°C
4
µV/°C
Input offset voltage long-term drift
(see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.001
0.005
µV/mo
IIO
Input offset current
25
°C
0.5
pA
IIO
Input offset current
Full range
3
nA
IIB
Input bias current
25
°C
1
pA
IIB
Input bias current
Full range
30
nA
VICR
Common-mode input voltage range
RS = 50 Ω
Full range
–5
to
2.7
V
VOM
Maximum positive peak output voltage swing
25
°C
4.7
4.8
V
VOM +
Maximum positive peak output voltage swing
RL =10kΩ
Full range
4.5
V
VOM
Maximum negative peak output voltage swing
RL = 10 kΩ
25
°C
– 4.7
– 4.9
V
VOM –
Maximum negative peak output voltage swing
Full range
– 4.5
V
VO = ± 4V
RL = 500 kΩ
25
°C
300
460
AVD
Large signal differential voltage amplification
VO = ± 4 V,
RL = 500 kΩ
Full range
100
V/mV
AVD
Large-signal differential voltage amplification
VO = ± 4V
RL =10kΩ
25
°C
50
100
V/mV
VO = ± 4 V,
RL = 10 kΩ
Full range
15
CMRR
Common mode rejection ratio
VO = 0,
VIC = VICRmin,
25
°C
90
115
dB
CMRR
Common-mode rejection ratio
O
,
RS = 50 Ω
IC
ICR
,
Full range
85
dB
kSVR
Supply voltage rejection ratio (
∆VDD±/∆VIO) VDD± = ±2 3Vto ±8V
25
°C
90
110
dB
kSVR
Supply-voltage rejection ratio (
∆VDD±/∆VIO) VDD± = ±2.3 V to ±8 V
Full range
85
dB
IDD
Supply current
VO =0
No load
25
°C
1.1
1.5
mA
IDD
Supply current
VO = 0,
No load
Full range
1.5
mA
operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
T †
TLC2801Z
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate unity gain
VO = ± 2.3 V,
RL = 10 kΩ,
25
°C
2
2.7
V/
µs
SR
Slew rate unity gain
O
,
CL = 100 pF
L
,
Full range
1
V
Equivalent input noise voltage
f = 10 Hz
25
°C
18
35
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
8
15
nV/
√Hz
VN(PP) Peak to peak equivalent input noise voltage
f = 0.1 to 1 Hz
25
°C
0.5
µV
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 to 10 Hz
25
°C
0.7
µV
In
Equivalent input noise current
25
°C
0.6
fA/
√Hz
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 10 kΩ,
25
°C
1.9
MHz
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
48
°
† Full range is – 40
°C to 150°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com