Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2801ZP Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC2801ZP
Description  Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2801ZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2801ZP Datasheet HTML 5Page - Texas Instruments TLC2801ZP Datasheet HTML 6Page - Texas Instruments TLC2801ZP Datasheet HTML 7Page - Texas Instruments TLC2801ZP Datasheet HTML 8Page - Texas Instruments TLC2801ZP Datasheet HTML 9Page - Texas Instruments TLC2801ZP Datasheet HTML 10Page - Texas Instruments TLC2801ZP Datasheet HTML 11Page - Texas Instruments TLC2801ZP Datasheet HTML 12Page - Texas Instruments TLC2801ZP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TLC2801Z, TLC2801Y
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS116B – JULY 1982 – REVISED SEPTEMBER 1996
3–10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
3
2
1
0
025
50
75
4
5
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
6
100
125
150
TA – Free-Air Temperature – °C
VDD = 5 V
RL = 10 kΩ
–50
– 25
Figure 8
0.5
0
025
50
75
1
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.5
100
125
150
TA – Free-Air Temperature – °C
VDD = 5 V
IOL = 5 mA
IOL = 1 mA
–50
– 25
Figure 9
VDD
± = ±5 V, RL = 500 kΩ
VDD
± = ±5 V, RL = 10 kΩ
110
100
90
80
120
130
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
0
25
50
75
100
125
150
TA – Free-Air Temperature – °C
–50
– 25
Figure 10
0
025
50
75
5
10
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
15
100
125
150
TA – Free-Air Temperature – °C
VID = 100 mV
VDD
± = ±5 V
VO = 0
–5
–10
–15
–50
– 25
VID = – 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com