Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2801ZP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2801ZP
Description  Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2801ZP Datasheet(HTML) 2 Page - Texas Instruments

  TLC2801ZP Datasheet HTML 1Page - Texas Instruments TLC2801ZP Datasheet HTML 2Page - Texas Instruments TLC2801ZP Datasheet HTML 3Page - Texas Instruments TLC2801ZP Datasheet HTML 4Page - Texas Instruments TLC2801ZP Datasheet HTML 5Page - Texas Instruments TLC2801ZP Datasheet HTML 6Page - Texas Instruments TLC2801ZP Datasheet HTML 7Page - Texas Instruments TLC2801ZP Datasheet HTML 8Page - Texas Instruments TLC2801ZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLC2801Z, TLC2801Y
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS116B – JULY 1982 – REVISED SEPTEMBER 1996
3–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 150
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
FORM
(Y)
–40
°C to 150°C
1.5 mV
TLC2801ZD
TLC2801ZP
TLC2801Y
The D packages are available taped and reeled. Add R suffix to the device type when ordering
(e.g., TLC2801ZDR).
TLC2801Y chip information
This chip, properly assembled, displays characteristics similar to the TLC2801. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax= 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (4) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
–
OUT
IN +
IN –
VCC+
(7)
(3)
(2)
(6)
(4)
VCC – / GND
(2)
(3)
(4)
(6)
(7)
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com