Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2801ZP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC2801ZP
Description  Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2801ZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2801ZP Datasheet HTML 4Page - Texas Instruments TLC2801ZP Datasheet HTML 5Page - Texas Instruments TLC2801ZP Datasheet HTML 6Page - Texas Instruments TLC2801ZP Datasheet HTML 7Page - Texas Instruments TLC2801ZP Datasheet HTML 8Page - Texas Instruments TLC2801ZP Datasheet HTML 9Page - Texas Instruments TLC2801ZP Datasheet HTML 10Page - Texas Instruments TLC2801ZP Datasheet HTML 11Page - Texas Instruments TLC2801ZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLC2801Z, TLC2801Y
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS116B – JULY 1982 – REVISED SEPTEMBER 1996
3–8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
2 k
Ω
VDD –
VO
20
Ω
20
Ω
–
+
10 k
Ω
VDD +
VDD –
VO
100
Ω
–
+
VI
CL
RL
(see Note A)
NOTE A: CL includes fixture capacitance.
VDD +
Figure 1. Noise-Voltage Test Circuit
Figure 2. Phase-Margin Test Circuit
VDD +
VDD –
VO
–
+
CL
RL
(see Note A)
VI
VDD +
VDD –
VO
–
+
NOTE A: CL includes fixture capacitance.
Ground shield
Picoammeters
Figure 3. Slew-Rate Test Circuit
Figure 4. Input-Bias and Offset-
Current Test Circuit
typical values
Typical values as presented in this data sheet represents the median (50% point) of device parametric
performance.
input bias and offset current
At the picoamp bias-current level typical of the TLC2801, accurate measurement of the bias current becomes
difficult. Not only does this measurement require a picoammeter, but test socket leakages can easily exceed
the actual device bias currents. To measure these small currents, Texas Instruments uses a two-step process.
The socket leakage is measured using picoammeters with bias voltage applied but with no device in the socket.
The device is then inserted in the socket and a second test measuring both the socket leakage and the device
input bias current is performed. The two measurements are then subtracted algebraically to determine the bias
current of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com