Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDI Datasheet(PDF) 8 Page - MUSIC Semiconductors

Part # MU9C8328A-RDI
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDI Datasheet(HTML) 8 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDI Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 12Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
8
UPDATE OP-CODE REGISTER (1000)
Bit
Mnemonic
Description
15-0
UOC
Contains the Op-Code to be used for updating the time stamp on a SA match
Default is 0300H (NOP). To update time stamp write 0328H (MOV HM, CR) to this register.
FUNCTIONAL DESCRIPTION
Continued
STATUS REGISTER (0001)
Bit
Mnemonic
Description
15–8
Reserved.
7
COL
1 = Collision detected.
6
LOC
1 = Loss of carrier detected.
5
BUSY
1 = Network port is busy using the LANCAM.
4
MATCH
1 = A match was found.
3
FULL
1 = The LANCAM is full.
2
DAM
1 = A Destination Address match was found.
1
SAM
1 = A Source Address match was found.
0
REJECT
1 = The frame was rejected.
LEARN OP-CODE REGISTER (0010)
Bit
Mnemonic
Description
15–0 ALOC
Contains the Op-Code to be used for an auto-learn, if enabled. Default is 0334H
(MOV NF, CR, V), but can be overwritten.
Table 2: Register Descriptions
Continued
PURGE OP-CODE REGISTER (1001)
Bit
Mnemonic
Description
15-0
POC
Contains the Op-Code to be used for the purge routine. Default is 043DH (VBC ALM,E).
TIME STAMP REGISTER (1010)
Bit
Mnemonic
Description
15-8
NEW_TS
The value used for time stamp updates.
7-0
OLD_TS
The value used to purge old entries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com