Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDI Datasheet(PDF) 9 Page - MUSIC Semiconductors

Part # MU9C8328A-RDI
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDI Datasheet(HTML) 9 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDI Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 13Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
9
Connections
Connection diagrams are shown in Figures 2, 3, and 4 for
National’s SONIC, AMD’s MACE, and Motorola’s
QUICC Ethernet controller chips. Other controller chips
that provide a serial NRZ received data port and clock
can also be used in similar fashions. The /NETRDY line
is provided for controller chips that output data on the
received data line while transmitting. If /NETRDY is
deasserted, the internal network state machine will safely
complete any current activity and then wait until
/NETRDY is asserted again before parsing another frame.
If the controller chip does not output data on the received
data line while transmitting, /NETRDY may be tied to
ground, and the MU9C8328As valid clock detector will
determine when it is time to start parsing a frame.
Initialization of the LANCAM
Before using, the MUSIC LANCAMs need to be configured
for the number of LANCAMs in a daisy chain and for the
filtering conditions in the Control and Segment Control
registers. Before configuring the LANCAMs, bit 13 in the
MU9C8328A Control register needs to be set to 0, to turn off
network filtering. Table 3 shows the steps for configuring two
LANCAMs in a daisy chain. The routine selects register 05H
in the MU9C8328A, which sends Command Write cycles to
the LANCAM. The sequence shown resets the LANCAMs,
sets the Page address for both LANCAMs in the daisy chain,
then sets the Control and Segment Control registers. If a Mask
register were needed, then the sequence would be modified to
set the Persistent destination to MR1 or MR2, use MU9C8328A
register 07H to write data into the Mask register, change the
final Control register value to 8051H or 8061H instead of 8041H
to invoke MR1 or MR2 during compares, and then resetting
APPLICATIONS
Figure 4: Motorola’s QUICC™ Connection Diagram
Figure 2: AMD’s MACE™ Connection Diagram
Figure 3: National’s SONIC™ Connection Diagram
LANCAM
MU9C8328A
/E
/EC
/MF
/FF
DQ(15-0)
/CM
/W
D(15-0)
READY
/CS
/WE
/RESET
A(3-0)
SERCLK
SERDAT
/REJECT
/INT
SYSCLK
/AS
M C 68160
EE ST
MC68360
QUICC
RX
RXD
/RRJCT
RCLK
RCLK
RENA
RENA
/NETRDY
/E
/EC
/MF
/FF
/CM
/W
LANCAM
MU9C8328A
AM79C940
SRDCLK
SRD
/EAM/R
/E
/EC
/MF
/FF
DQ(15-0)
/CM
/W
D(15-0)
READY
/CS
/WE
/RESET
A(3-0)
SERCLK
SERDAT
/REJECT
/INT
SYSCLK
/AS
TXEN
/NETRDY
/E
/EC
/MF
/FF
/CM
/W
LANCAM
MU9C8328A
DP83932
RXCo
RXDo
/PREJ
/E
/EC
/MF
/FF
DQ(15-0)
/CM
/W
D(15-0)
READY
/CS
/WE
/RESET
A(3-0)
SERCLK
SERDAT
/REJECT
/INT
SYSCLK
/AS
TXE
/NETRDY
/E
/EC
/MF
/FF
/CM
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com