Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDI Datasheet(PDF) 3 Page - MUSIC Semiconductors

Part # MU9C8328A-RDI
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDI Datasheet(HTML) 3 Page - MUSIC Semiconductors

  MU9C8328A-RDI Datasheet HTML 1Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 2Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 3Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
3
/WE (Write Enable, Input, TTL)
/WE determines the direction of data flow into or out of the
MU9C8328As processor interface. It also determines the
state of /W to the LANCAM when the processor is
accessing the MU9C8328As internal LANCAM registers.
If /WE is LOW, the data is written into the register selected
by the A(3–0) bus. If /WE is HIGH, then data is read out
of the register selected by the A(3–0) bus.
A(3–0) (Address Bus, Input, TTL)
A(3–0) select the internal register in the MU9C8328A
accessed by the host processor as shown in Table 1.
A(3–0) are latched by the falling edge of /AS. A(3) is
internally pulled down with a nominal 50K resistor to
maintain compatibility with the MU9C8328.
D(15–0) (Data Bus, I/O, Three-state TTL)
D(15–0) is the processor data bus into and out of the
MU9C8328A, and is demuxed to the internal registers as
selected by the A(2–0) bus. If the register selected is the
Control, Status or Op-Code register, when /WE is LOW,
D(15–0) is loaded on the second rising edge of SYSCLK
after both /AS and /CS are LOW. When /WE is HIGH, data
from the selected register is output to the D(15–0) bus on
the second rising edge of SYSLCK after both /AS and /CS
are LOW. For CAM access, the write or read operation is
completed when READY returns HIGH. If /CS is HIGH, or
if data is not being read out of the MU9C8328A, the output
buffers go to HIGH-Z. Internally pulled down with nominal
50K resistor.
READY (Ready, Output, Three-state, TTL)
When writing to the Control, Status, or Op-Code register,
READY goes LOW on the first rising edge of SYSCLK
after both /AS and /CS are LOW and returns HIGH on the
next rising edge of SYSCLK. For a read cycle from those
registers, READY may only show a negative-going spike
at the first rising edge of SYSCLK after both /AS and /CS
are LOW. The data will be valid before the next rising
edge of SYSCLK. When writing to the CAM registers,
READY will go LOW on the first rising edge of SYSCLK
after both /CS and /AS are LOW. READY returns HIGH
three SYSCLK cycles after. When reading from the CAM
registers, READY will return HIGH five SYSCLK cycles later.
PIN DESCRIPTIONS
Continued
Pinout Diagram
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
GND
VCC
VCC
SERCLK
/RESET
READY
/AS
/INT
/E
/CM
/W
/EC
/MF
/REJECT
SERDAT
D0
/FF
/CS
/WE
GND
/NETRDY
TEST 1
TEST 5
TEST 4
TEST 3
TEST 2
NTE ST OUT
NTEST_EN (Tie Low)
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
MU9C8328A-RDC
100-pin PQFP
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com