Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328A-RDI Datasheet(PDF) 12 Page - MUSIC Semiconductors

Part # MU9C8328A-RDI
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328A-RDI Datasheet(HTML) 12 Page - MUSIC Semiconductors

Back Button MU9C8328A-RDI Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 14Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 15Page - MUSIC Semiconductors MU9C8328A-RDI Datasheet HTML 16Page - MUSIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MU9C8328A Ethernet Interface
Rev. 0.8 Draft
12
Parameter (all times in nanoseconds)
SYSCLK Period
SYSCLK HIGH Pulse Width
SYSCLK LOW Pulse Width
SYSCLK HIGH to SERCLK HIGH Set-up Time
SERCLK HIGH to SYSCLK HIGH Set-up Time
SERCLK Period
SERCLK HIGH Pulse Width
SERCLK LOW Pulse Width
Chip or Address Select LOW to SYSCLK HIGH Set-up
Chip or Address Select HIGH to SYSCLK HIGH Set-up
Chip or Address Select LOW Pulse Width - Write Cycle
Address Bus VALID to Address Select LOW Set-up
Address Select LOW to Address Bus INVALID Hold
Write Enable LOW to SYSCLK HIGH Set-up Time
Write Enable LOW Pulse Width
SYSCLK HIGH to Write Enable HIGH Hold Time
Data VALID to SYSCLK HIGH Set-up Time
SYSCLK HIGH to Data INVALID Hold Time
SYSCLK HIGH to Ready LOW Delay Time
SYSCLK HIGH to Ready HIGH Delay Time
Ready LOW Pulse Width-Write Cycle
SERDAT HIGH to SERCLK HIGH Set-up Time
SERCLK HIGH to SERDAT LOW Hold Time
NetReady LOW to SERDAT HIGH Set-up Time
SYSCLK HIGH to REJECT LOW Delay Time
Chip or Address Select LOW Pulse Width-Read Cycle
SYSCLK HIGH to Data VALID Delay Time
SYSCLK HIGH to Data HIGH-Z Delay Time
Ready LOW Pulse Width-CAM Write Cycle
SYSCLK HIGH to CAM Enable LOW Delay Time
SYSCLK HIGH to CAM Enable HIGH Delay Time
SYSCLK HIGH to CAM Controls VALID Delay Time
SYSCLK HIGH to CAM Controls INVALID Delay Time
CAM Enable HIGH to Match Flag LOW Delay Time
Ready HIGH to Chip or Address Select HIGH Set-up
Chip or Address Select HIGH to Data HIGH-Z Delay
SYSCLK HIGH to Data Bus Active-Read
SYSCLK HIGH to Data Bus VALID Delay Time
CAM Enable LOW to DQ Bus VALID-Read
CAM Enable HIGH to DQ Bus HIGH-Z
No
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
SWITCHING CHARACTERISTICS
Symbol
tKHKH
tKHKL
tKLKH
tKHCH
tCHKH
tCHCH
tCHCL
tCLCH
tSLKH
tSHKH
tSLSH1
tAVSL
tSLAX
tWVKH
tWVWX
tKHWH
tDVKH
tKHDX
tKHRL
tKHRH
tRLRH1
tTHCH
tCHTL
tYLTV
tKHJL
tKHDZ1
tKHDV
tKHDZ
tRLRH2
tKHEL
tKHEH
tKHGV
tKHGX
tEHML
tRHSH
tSHDZ
tKHDX
tKHDV
tELQV
tEHQZ
Min
30
0.4 · tKHKH
0.4 · tKHKH
0
0
0.4 · tCHCH
0.4 · tCHCH
10
10
2 · tKHKH
5
10
10
tKHKH
10
10
10
10
10
10
2 · tKHKH
3 · tKHKH
5
5
Typ
100
tKHKH
11 · tKHKH
Max
50
0.6 · tKHKH
0.6 · tKHKH
0.6 · tCHCH
0.6 · tCHCH
30
30
30
30
30
30
30
30
30
30
50
85
20
Notes
2
2
3
4
7
8
5
5
6
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com