Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SILKT01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEVAL-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEVAL-SILKT01 Datasheet HTML 8Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 9Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 10Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 11Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 12Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 13Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 14Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 15Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Figure 13. STEVAL-SILKTA01 circuit schematic (13 of 21)
560. 9 kHz
DC-DC conversion, +Vbus1 to +3.5v_conn
DC bus voltage input
VIN_Conn
GND_Conn
3v3_Conn
GNDS_Conn
+
C52
33uF
C49
1 uF
D3
SMC30J36CA
C50
0.1uF
C59
0.1uF
D4
LED GREEN
R41
62k
C57
1uF
+
C47
47uF
C55
47uF
C53
1 uF
R35
0
R40
33k
C48
4.7uF
C44
100pF
D6
LED GREEN
C43
1uF
C42
820pF
C56
10nF
N.M.
L3
10uH
1
2
D5
STPS2H100A
R37
8.2k
R36
680R
C45
22nF
R42
18k
L2
4.7uH
1
2
L7987L
U5
VBIAS
1
VIN
2
VIN_2
3
VCC
4
EN
5
SS
6
SYNCH
7
COMP
8
FB
9
FSW
10
ILIM
11
PGOOD
12
LX
13
LX_2
14
BOOT
15
C46
0.1uF
R39
40.2k
C54
22nF
C58
2.2uF
C51
1 uF
R43
500
U6
LD39150DT33-R
Vout
2
Vin
1
R38
5.6k
3V5_Conn
3V5_Conn
3V5_Conn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com