Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SILKT01 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STEVAL-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STEVAL-SILKT01 Datasheet HTML 23Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 24Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 25Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 26Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 27Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 28Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 29Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 30Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Figure 32. STEVAL-SILKTB01 circuit schematic (11 of 12)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VBUS
20- 60 V
DC bus voltage input MCU side
Copper ar ea f or EMC t est
DI/O parts
Copper area for EMC test
DC bus voltage input DI/DO
VBUS
20- 60 V
3V3_MCU
GND_MCU
MCU_RESET
VOLTAGE_FAIL
PWM_WD
Supply 1
GND_1
3V3_ISO
GND_ISO
Supply 2
GND_2
Vbus_Monitor
L7983_RSTMCU
3v5_Monitor
GND_MCU
GND_MCU
+Vbus1
3v5_MCU
3v5_MCU
+Vbus1
3V3_MCU
3V3_MCU
+Vbus1
3v5_MCU
3v5_MCU
3v5_MCU
3v5_I/O
3v5_I/O
+Vbus2
3v5_I/O
+Vbus2
+Vbus2
3V3_MCU
3V3_MCU
3V3_MCU
L7983_RST
GND_PWR1
C64
4700pF
N.M.
+
C65
47uF
R58
180k
C57
4700pF
N.M.
C60
470nF
D17
3.3V
U32
L7983PUR
VBIAS
2
EN/UVLO
7
VIN
8
RST
6
FSW
4
LNM/LCM
5
VCC
3
LX
9
EP
11
GND
10
VOUT/FB
1
C72
0.1uF
R43
8.2k
R45
30k
R49
57.6k
C70
0.1uF
C83
10nF
N.M.
C85
2.2uF
TP29
5001
C68
1uF
C77
0.1uF
U38
LD39150DT33-R
Vout
2
Vin
1
C61
1 uF
D12
SMC30J36CA
R46
0
D16
LED GREEN
R51
10.2k
U35
TSZ121ILT
D15
SMC30J36CA
C82
16pF
TP31
5001
D14
3.3V
C55
0.1uF
C74
4700pF
N.M.
R54
1.5k
R59
0
R47
39
R55
0
R42
30k
C63
10nF
R52
39
+ C66
47uF
J12
Dev3
C79
0.1uF
U33
TSZ121ILT
R44
180k
TP30
5001
R50
8.2k
C73
2.2uF
C81
1 uF
C59
0.1uF
D13
LED GREEN
TP28
5001
C86
0.1uF
C67
10nF
N.M.
C69
2.2uF
L2
47uH
1
1
2
2
C84
1uF
C76
2.2uF
L1
47uH
1
1
2
2
TP26
5001
U37
L7983PUR
VBIAS
2
EN/UVLO
7
VIN
8
RST
6
FSW
4
LNM/LCM
5
VCC
3
LX
9
EP
11
GND
10
VOUT/FB
1
C53
4700pF
N.M.
U34
LD39150DT33-R
Vout
2
Vin
1
C78
4.7uF
C62
16pF
U36
STM802RM6F
6
WDI
4
PFI
2
VCC
7
RST
5
PFO
R57
100k
C75
10nF
TP25
5001
C56
2.2uF
TP27
5001
R53
19.1k
R48
3.16k
R60
57.6k
C58
4.7uF
C80
470nF
R56
1k
FB_MCU
FB_MCU
FB
GND_2
FB
Vbus1
Vbus1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com