Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SILKT01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STEVAL-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STEVAL-SILKT01 Datasheet HTML 22Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 23Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 24Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 25Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 26Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 27Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 28Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 29Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Figure 31. STEVAL-SILKTB01 circuit schematic (10 of 12)
3V3_MCU
DI1
MCU_DI1FB
DI2
MCU_DI2FB
MCU_DRV_LS
RMT_DRV_LS
Logic_GND
MCU_DRV_HS
RMT_DRV_HS
MCU_DRV_HS
RMT_DRV_HS
RMT_DRV_LS
MCU_DRV_LS
RMHS_SUPPLY_ON
HS_Supply_Gate
MCUHS_SUPPLY_ON
IPS_HS
IPS_LS
U23
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
U19
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C47
0.1uF
SW2
Dev3
U21
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
U22
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
U27
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C40
0.1uF
C50
0.1uF
C37
0.1uF
C48
0.1uF
C52
0.1uF
U29
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
U25
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C43
0.1uF
C36
0.1uF
U20
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C44
0.1uF
C46
0.1uF
U31
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C41
0.1uF
U24
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C38
0.1uF
C49
0.1uF
C51
0.1uF
R41
10k
U26
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C42
0.1uF
C35
0.1uF
U18
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C45
0.1uF
U28
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
C39
0.1uF
U30
SN74AUP1G08
A
1
B
2
GND
3
Y
4
VCC
5
VD
VD
VD
VD
VD
VD
VD
VD
VD
VD
VD
VD
VD
VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com