Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SILKT01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STEVAL-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STEVAL-SILKT01 Datasheet HTML 23Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 24Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 25Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 26Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 27Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 28Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 29Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 30Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Figure 33. STEVAL-SILKTB01 circuit schematic (12 of 12)
Supply
EVENT_PIN
I2C_SCLK
I2C_SDA
TEMP_GND
R61
2.7k
R62
20kOhms
U39
STTS751-0DP3F
SCL
1
VDD
3
EVENT
2
Addr/Therm
4
GND
5
SDA
6
C88
1uF
C87
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com