Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7165 Datasheet HTML 1Page - Diodes Incorporated AP7165 Datasheet HTML 2Page - Diodes Incorporated AP7165 Datasheet HTML 3Page - Diodes Incorporated AP7165 Datasheet HTML 4Page - Diodes Incorporated AP7165 Datasheet HTML 5Page - Diodes Incorporated AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
5 of 11
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Output Voltage vs. Temperature
3.20
3.25
3.30
3.35
3.40
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Vout=3.3V
Output Voltage vs. Temperature
1.70
1.75
1.80
1.85
1.90
-50
-25
0
255075
100
125
Temperature (
oC)
Vout=1.8V
Quiescent Current vs. Input Voltage
90
100
110
120
130
140
150
160
170
2.53.03.54.0
4.55.05.5
Input Voltage (V)
Iout=0mA
Iout=300mA
Quiescent Current vs. Input Voltage
90
100
110
120
130
140
150
160
170
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Iout=0mA
Iout=300mA
Iout=600mA
Quiescent Current vs. Temperature
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
Temperature (
oC)
VIN=2.2V, Vout=1.0V
VIN=3.3V, Vout=1.2V
VIN=3.3V, Vout=1.8V
VIN=5.0V, Vout=3.3V
Quiescent Current vs. IOUT
100
110
120
130
140
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
IOUT (A)
VIN=2.5V
VIN=3.3V
VOUT=1.8V
VOUT=1.2V
VOUT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com