Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7165 Datasheet HTML 2Page - Diodes Incorporated AP7165 Datasheet HTML 3Page - Diodes Incorporated AP7165 Datasheet HTML 4Page - Diodes Incorporated AP7165 Datasheet HTML 5Page - Diodes Incorporated AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated AP7165 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
6 of 11
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Reference Voltage vs. Temperature
0.780
0.785
0.790
0.795
0.800
0.805
0.810
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Vin=2.2V
Vin=3.3V
Vin=5.5V
Dropout Voltage vs. IOUT
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
600
IOUT (mA)
25°C
90°C
-45°C
Line Regulation
-0.10
-0.05
0.00
0.05
0.10
2.53.03.54.0
4.55.05.5
VIN (V)
25°C
85°C
-40°C
Load Regulation
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
IOUT (A)
25°C
85°C
-40°C
Current Limit vs. Temperature
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
-50
-25
0
25
50
75
100
Temperature (
oC)
Vin=2.8V, Vout=1.8V
Vin=3.3V, Vout=1.8V
PSRR (VOUT=1.2V)
-90
-80
-70
-60
-50
-40
100
1000
10000
100000
Frequency (Hz)
VOUT=1.2V, IOUT=1mA
VIN=2.5V, VOUT=1.2V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com