Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7165 Datasheet HTML 3Page - Diodes Incorporated AP7165 Datasheet HTML 4Page - Diodes Incorporated AP7165 Datasheet HTML 5Page - Diodes Incorporated AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated AP7165 Datasheet HTML 10Page - Diodes Incorporated AP7165 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
9 of 11
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Application Note
Input Capacitor
A 1
μF ceramic capacitor is recommended to connect
between IN and GND pins to decouple input power
supply glitch and noise. The amount of the capacitance
may be increased without limit. A lower ESR (Equivalent
Series Resistance) capacitor allows the use of less
capacitance, while higher ESR type requires more
capacitance. This input capacitor should be located as
close as possible to the device to assure input stability
and less noise. For PCB layout, a wide copper trace is
required for both IN and GND.
Output Capacitor
The output capacitor is required to stabilize and help the
transient response of the LDO. The AP7165 is designed
to
have
excellent
transient
response
for
most
applications with a small amount of output capacitance.
The AP7165 is stable for all available types and values
of output capacitors
≥ 4.7μF. The device is also stable
with multiple capacitors in parallel, which can be of any
type of value. Additional capacitance helps to reduce
undershoot
and
overshoot
during
transient.
This
capacitor should be placed as close as possible to OUT
and GND pins for optimum performance.
Adjustable Operation
The AP7165 provides output voltage from 0.8V to 5.0V
through external resistor divider as shown below.
IN
GND
EN
OUT
Enable
FB
VIN
VOUT
POK
100kOhm
R1
R2
AP7165
CIN
COUT
The output voltage is calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
1
REF
OUT
R
R
1
V
V
Where VREF=0.8V (the internal reference voltage).
Rearranging
the equation will give the following
equation to find the approximate resistor divider values:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
V
V
R
R
REF
OUT
2
1
To maintain the stability of the internal reference voltage,
R2 needs to be kept smaller than 250kΩ.
No Load Stability
Other than external resistor divider, no minimum load is
required to keep the device stable. The device will
remain stable and regulated in no load condition.
ENABLE/SHUTDOWN Operation
The AP7165 is turned on by setting the EN pin high, and
is turned off by pulling it low. If this feature is not used,
the EN pin should be tied to IN pin to keep the regulator
output on at all time. To ensure proper operation, the
signal source used to drive the EN pin must be able to
swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section
under VIL and VIH.
POWER-OK
The Power-Ok (POK) pin is an active high open-drain
output. It can be connected to any 5.5V or lower rail
through
an
external
pull-up
resistor.
The
recommended sink current of POK pin is up to 4mA, so
the pull-up resistor for POK should be in the range of
10k
Ω to 1MΩ. If output voltage monitoring is not needed,
the POK pin can be left floating.
Current Limit Protection
When output current at OUT pin is higher than current
limit threshold, the current limit protection will be
triggered and clamp the output current to approximately
950mA (600A min) to prevent over-current and to
protect the regulator from damage due to overheating.
Short Circuit Protection
When OUT pin is short-circuited to GND or OUT pin
voltage is less than 200mV, short circuit protection will
be
triggered
and
clamp
the
output
current
to
approximately
380mA.
This
feature
protects
the
regulator
from
over-current
and
damage
due
to
overheating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com