Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7165 Datasheet HTML 3Page - Diodes Incorporated AP7165 Datasheet HTML 4Page - Diodes Incorporated AP7165 Datasheet HTML 5Page - Diodes Incorporated AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated AP7165 Datasheet HTML 10Page - Diodes Incorporated AP7165 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
10 of 11
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Application Note
(Continued)
Low Quiescent Current
The AP7165, consuming only around 125µA for all input
range and output loading, provides great power saving
in portable and low power applications.
Wide Output Range
The AP7165, with a wide output range of 0.8V to 5.0V,
provides a versatile solution for many portable and low
power applications.
Thermal Shutdown Protection
Thermal protection disables the output when the
junction temperature rises to approximately +150°C,
allowing the device to cool down. When the junction
temperature reduces to approximately +125°C the
output circuitry is enabled again. Depending on power
dissipation,
thermal
resistance,
and
ambient
temperature, the thermal protection circuit may cycle on
and off. This cycling limits the heat dissipation of the
regulator, protecting it from damage due to overheating.
Power Dissipation
The device power dissipation and proper sizing of the
thermal plane that is connected to the thermal pad is
critical to avoid thermal shutdown and ensuring reliable
operation. Power dissipation of the device depends on
input voltage and load conditions and can be calculated
by:
OUT
OUT
IN
D
xI
)
V
V
(
P
−
=
The AP7165 is available in the DFN3030-10 package
with exposed pad, which is the primary conduction path
for heat to the printed circuit board (PCB). The pad can
be connected to ground or be left floating; however, to
ensure the device will not overheat, it should be
attached to an appropriate amount of copper PCB area.
However, the maximum power dissipation that can be
handled by the device depends on the maximum
junction to ambient thermal resistance, maximum
ambient temperature, and maximum device junction
temperature, which can be approximated by the
equation below:
JA
A
A
D
R
)
T
C
145
(
)
T
(max@
P
θ
−
°
+
=
Marking Information
(1) DFN3030-10
Y : Year 0~9
M : Month A~L
( Top View )
X : G : Green
Y M X
XX
XX : B2 : AP7165
Part Number
Package
Identification Code
AP7165
DFN3030-10
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com