Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530 Datasheet(PDF) 32 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD3530 Datasheet HTML 28Page - Analog Devices AD3530 Datasheet HTML 29Page - Analog Devices AD3530 Datasheet HTML 30Page - Analog Devices AD3530 Datasheet HTML 31Page - Analog Devices AD3530 Datasheet HTML 32Page - Analog Devices AD3530 Datasheet HTML 33Page - Analog Devices AD3530 Datasheet HTML 34Page - Analog Devices AD3530 Datasheet HTML 35Page - Analog Devices AD3530 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 32 of 45
DEVICE CONFIGURATION REGISTER
Address: 0x02, Reset: 0x00, Name: DEVICE_CONFIG
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[1:0] OPERATING_MODES (R)
Table 13. Bit Descriptions for DEVICE_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
OPERATING_MODES
Operating Mode. Read only.
0x0
R
00: Normal operating mode.
11: Low power mode.
CHIP TYPE REGISTER
Address: 0x03, Reset: 0x08, Name: CHIP_TYPE
The chip type is used to identify the family of ADI devices a given device belongs to. It should be used in conjunction with the product ID to
uniquely identify a given product.
0
0
1
0
2
0
3
1
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] CHIP_TYPE (R)
Table 14. Bit Descriptions for CHIP_TYPE
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Precision DAC.
0x8
R
PRODUCT ID LOW REGISTER
Address: 0x04, Reset: 0x01, Name: PRODUCT_ID_L
Low byte of the product ID.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID[7:0] (R)
Table 15. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Device Chip Type/Family. The product ID should be used in conjunction with chip type to identify a product.
0x1
R
PRODUCT ID HIGH REGISTER
Address: 0x05, Reset: 0x00, Name: PRODUCT_ID_H
High byte of the product ID.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID[15:8] (R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com