Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530 Datasheet(PDF) 3 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 3 Page - Analog Devices

  AD3530 Datasheet HTML 1Page - Analog Devices AD3530 Datasheet HTML 2Page - Analog Devices AD3530 Datasheet HTML 3Page - Analog Devices AD3530 Datasheet HTML 4Page - Analog Devices AD3530 Datasheet HTML 5Page - Analog Devices AD3530 Datasheet HTML 6Page - Analog Devices AD3530 Datasheet HTML 7Page - Analog Devices AD3530 Datasheet HTML 8Page - Analog Devices AD3530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Data Sheet
AD3530/AD3530R
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 45
ELECTRICAL CHARACTERISTICS
VDD = 2.7V to 5.5V, IOVDD = 1.08V to 1.98V, VREF = 2.5V (internal or external), load resistance (RL) = 2kΩ, load capacitance (CL) = 200pF.
All specifications are TJ = −40°C to +125°C and typical at TA = 25°C, unless otherwise noted.
Table 2. Electrical Characteristics
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution
16
Bits
Integral Nonlinearity Error (INL)
±3
±10
LSB
Range = 0 to VREF
±3
±10
LSB
Range = 0 to 2 × VREF
Differential Nonlinearity Error (DNL)
±1
LSB
Range = 0 to VREF and guaranteed monotonic
±1
LSB
Range = 0 to 2 × VREF and guaranteed monotonic
Zero-Code Error
+0.22
±1
mV
Range = 0 to VREF or range = 0 to 2 × VREF
Offset Error
−0.16
±1.5
mV
Range = 0 to VREF
−0.23
±1.6
mV
Range = 0 to 2 × VREF
Full-Scale Error
−0.05
±0.26
% of FSR
Range = 0 to VREF
−0.06
±0.18
% of FSR
Range = 0 to 2 × VREF
Gain Error
−0.05
±0.26
% of FSR
Range = 0 to VREF
−0.06
±0.18
% of FSR
Range = 0 to 2 × VREF
Total Unadjusted Error (TUE)
−0.04
±0.22
% of FSR
Range = 0 to VREF
−0.04
±0.16
% of FSR
Range = 0 to 2 × VREF
Zero-Code Error Drift
±1.3
µV/°C
Range = 0 to VREF or range = 0 to 2 × VREF
Offset Error Drift
±1.3
µV/°C
Range = 0 to VREF or range = 0 to 2 × VREF
Full-Scale Error Drift
±200
ppm/°C
Range = 0 to VREF or range = 0 to 2 × VREF
Gain Error Drift
±40
ppm/°C
Range = 0 to VREF or range = 0 to 2 × VREF
DC Power Supply Rejection Ratio (PSRR)
0.03
mV/V
DAC code = midscale and supply voltage (VDD) = 5V ± 10%
DC Crosstalk
±3
µV
Due to single channel, full-scale output change, internal
reference, and range = 0 to VREF
±0.6
µV/mA
Due to load current change, external reference, and range =
0 to 2 × VREF
±6
µV
Due to powering down (per channel), internal reference, and
range = 0 to VREF
OUTPUT CHARACTERISTICS
Output Power-Up State
32
kΩ
Pull-down resistance
Output Voltage Range
0
2.5
V
Range = 0 to VREF, internal reference, and VDD > VREF
0
5
V
Range = 0 to 2 × VREF, internal reference, and VDD > 2 ×
VREF
Maximum Capacitive Load
2
nF
RL = ∞
5
nF
RL = 1kΩ
Load Regulation
75
µV/mA
VDD = 5V ± 10%, DAC code = midscale, and −30mA ≤
output current (IOUT) ≤ +30mA
75
µV/mA
VDD = 3V ± 10%, DAC code = midscale, and −20mA ≤ IOUT ≤
+20mA
Short-Circuit Current 2
50
mA
Sourcing
40
mA
Sinking
Headroom
40
25
mV
Source current = 20mA
Footroom
90
50
mV
Sink current = 20mA
Load Impedance at Rails
1.25
Ω
VDD, sourcing
2.5
Ω
GND, sinking
Power-Up Time
5
µs
Exiting power-down mode and VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com