Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530 Datasheet(PDF) 21 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD3530 Datasheet HTML 17Page - Analog Devices AD3530 Datasheet HTML 18Page - Analog Devices AD3530 Datasheet HTML 19Page - Analog Devices AD3530 Datasheet HTML 20Page - Analog Devices AD3530 Datasheet HTML 21Page - Analog Devices AD3530 Datasheet HTML 22Page - Analog Devices AD3530 Datasheet HTML 23Page - Analog Devices AD3530 Datasheet HTML 24Page - Analog Devices AD3530 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
AD3530/AD3530R
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 45
where:
VMEAS is the measured voltage output of the selected channel.
MUX_OUT is the voltage output on the MUX_OUT pin in volts.
The transfer function when using current output monitor:
IMEAS = MUX_OUT × 40 mA/V (4)
where:
IMEAS is the measured current at the output of the selected channel.
MUX_OUT is the voltage output on the MUX_OUT pin in volts.
The internal die temperature can also be monitored through the
MUX_OUT pin by setting the MUX_OUT_SELECT(SEL) to 0x19.
The transfer function used to derive the measured temperature with
internal reference enabled is given by the following equation:
TMEAS=MUX_OUT − 0.44
0.0016 V/°C
(5)
where:
TMEAS is the measured internal die temperature in °C.
MUX_OUT is the voltage at the MUX_OUT pin in volts.
The integrated multiplexer has a buffered output capable of provid-
ing of ±5mA current. The errors of monitoring the VOUTn and
IOUTn, where n is the channel number, are typically ±5mV and
±2mA, respectively.
DAC CORE FUNCTIONS
Each DAC channel has its own Input Register and DAC Register,
as shown in Figure 59. Both registers are accessible through the
serial interface. The DAC register stores digital code equivalent to
the DAC output voltage while the input register acts as a temporary
staging register before being passed on the DAC Register. With
the LDAC function, one or more DAC registers could be updated in
parallel with the data held in the input register.
The DAC registers can be written to directly, in which case the
corresponding output updates immediately without the need for a
hardware or software LDAC. Directly writing to the DAC register
does not affect the data stored in the input register.
Writing to the MULTI_INPUT_CH register allows one or more input
registers to be updated in a single write operation. The MULTI_IN-
PUT_SEL_0 register determines which input register will be updat-
ed with the data written to the multiple input register. See the
Multiple Input Select 0 Register section for additional information.
Similarly, writing to the MULTI_DAC_CH register allows one or
more DAC registers to be updated in a single write operation.
MULTI_DAC_INPUT_SEL_0 determines which DAC register will be
updated with the data written to the multiple DAC register. See the
Multiple DAC Select 0 Register section for more information.
To ensure that the DAC update is successful, DAC register updates
should only occur once every 640ns. Refer to tL2 and tL3 from Table
5. An error flag will also be asserted when a DAC update write is
unsuccessful which can be check by reading the UPDATE_ERR bit
on the Status Control Register.
LDAC Function
The LDAC function is used to initiate the transfer of the contents of
select input registers to the corresponding DAC registers, thereby
updating one or more VOUT pins at the same time. The LDAC
function can be executed by hardware through the LDACB pin or
by software through SW_LDAC_TRIG_A or SW_LDAC_TRIG_B
registers. Both hardware and software LDAC perform the same
function.
Hardware LDAC
The AD3530/AD3530R have active low LDACB pins that are falling
edge sensitive. If the LDACB signal is brought low, the selected in-
put register contents are transferred to corresponding DAC register.
If LDACB is held low when writing to the device, the input registers
appear transparent, and when an input register is written to, the
DAC register is updated with the contents of the input register at the
same time. When LDACB is held high, DAC codes can be written to
any input registers without affecting the DAC output. Refer to Figure
4.
The Hardware LDAC Enable 0 Register is used to determine the
DAC channels to be updated from the corresponding input registers
when LDACB is active or asserted. By default, all DAC channels
are selected and the HLD_EN_CH_n bitfields contain a 1. A 0 set
on a HLD_EN_CH_n bitfield disables the hardware LDAC feature
for the target DAC channel.
Software LDAC
The software LDAC function is synonymous to an LDACB falling
edge. It provides a way to initiate a transfer of content between
selected input registers to DAC registers through the serial interface
via writing 1 to the SLD_TRIG_A bit on the Software LDAC Trigger
0 Register or to the SLD_TRIG_B bit on the Software LDAC Trigger
0 Register.
The Software LDAC Enable 0 Register is used to determine the
DAC channels to be updated from the corresponding input registers
when a software LDAC is performed. By default, all DAC channels
are selected and the SLD_EN_CH_n bitfields contain a 1. A 0 set
in a SLD_EN_CH_n bitfield disables the software LDAC feature for
the target DAC channel.
POWER-ON RESET
On power-up the input and DAC data registers of every DAC
channel are loaded with a zero code. Meanwhile, the POR circuit
ensures that the DAC output amplifiers are powered down (see
Mode 3 in the Modes of Operation section) until the output operat-
ing mode for the channel is changed. All registers are reset to their
default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com