Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530 Datasheet(PDF) 39 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD3530 Datasheet HTML 35Page - Analog Devices AD3530 Datasheet HTML 36Page - Analog Devices AD3530 Datasheet HTML 37Page - Analog Devices AD3530 Datasheet HTML 38Page - Analog Devices AD3530 Datasheet HTML 39Page - Analog Devices AD3530 Datasheet HTML 40Page - Analog Devices AD3530 Datasheet HTML 41Page - Analog Devices AD3530 Datasheet HTML 42Page - Analog Devices AD3530 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 39 of 45
STATUS CONTROL REGISTER
Address: 0xC2, Reset: 0x04, Name: STATUS_CONTROL
Event flags due to start up sequence, interface, reset, and update can be read. Write 1 to clear.
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[0] RESERVED
[3] UPDATE_ERR (R/W1C)
[1] INTERFACE_ERR (R/W1C)
[2] RESET_WARNING (R/W1C)
Table 31. Bit Descriptions for STATUS_CONTROL
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
3
UPDATE_ERR
Update Error. Status to indicate that there was an attempt to update a DAC_CHn within 640ns since
the last update
0x0
R/W1C
0: Error 0. All updates successful.
1: Error 1. Overlapping updates attempted.
2
RESET_WARNING
Reset Warning. Status to indicate if the device went through a reset event.
0x1
R/W1C
0: Warning 0. Reset warning flag cleared.
1: Warning 1. Reset event occurred.
1
INTERFACE_ERR
Interface Error. Status to indicate an error flag is asserted in INTERFACE_STATUS_A.
0x0
R/W1C
0: Error 0. No interface error.
1: Error 1. Interface error.
0
RESERVED
Reserved.
0x0
R
HARDWARE LDAC ENABLE 0 REGISTER
Address: 0xD0, Reset: 0xFF, Name: HW_LDAC_EN_0
Enable hardware LDAC functionality for channel 0 to channel 7
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7] HLD_EN_CH_7 (R/W)
[0] HLD_EN_CH_0 (R/W)
[6] HLD_EN_CH_6 (R/W)
[1] HLD_EN_CH_1 (R/W)
[5] HLD_EN_CH_5 (R/W)
[2] HLD_EN_CH_2 (R/W)
[4] HLD_EN_CH_4 (R/W)
[3] HLD_EN_CH_3 (R/W)
Table 32. Bit Descriptions for HW_LDAC_EN_0
Bits
Bit Name
Description
Reset
Access
7
HLD_EN_CH_7
Hardware LDAC Enable Channel 7. Enable/disable hardware LDAC functionality on Channel 7.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 7.
1: HLD En 1. Enable hardware LDAC on Channel 7.
6
HLD_EN_CH_6
Hardware LDAC Enable Channel 6. Enable/disable hardware LDAC functionality on Channel 6.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 6.
1: HLD En 1. Enable hardware LDAC on Channel 6.
5
HLD_EN_CH_5
Hardware LDAC Enable Channel 5. Enable/disable hardware LDAC functionality on Channel 5.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 5.
1: HLD En 1. Enable hardware LDAC on Channel 5.
4
HLD_EN_CH_4
Hardware LDAC Enable Channel 4. Enable/disable hardware LDAC functionality on Channel 4.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com